Electronic Components Datasheet Search
  English  ▼

X  

HT66FU40 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT66FU40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU40 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT66FU40 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
23
February 1, 2010
Programmer Pin
MCU Pins
RES
PB0
DATA
PA0
CLK
PA2
Programmer and MCU Pins
RAM Data Memory
The Data Memory is a volatile area of 8-bit wide RAM in-
ternal memory and is the location where temporary in-
formation is stored.
Structure
Divided into two sections, the first of these is an area of
RAM, known as the Special Function Data Memory.
Here are located registers which are necessary for cor-
rect operation of the device. Many of these registers can
be read from and written to directly under program con-
trol, however, some remain protected from user manipu-
lation.
Device
Capacity
Banks
HT66F20
64
´8
0: 60H~7FH
1: 60H~7FH
HT66F30
96
´8
0: 60H~7FH
1: 60H~7FH
2: 60H~7FH
HT66F40
192
´8
0: 80H~FFH
1: 80H~BFH
HT66F50
384
´8
0: 80H~FFH
1: 80H~FFH
2: 80H~FFH
HT66F60
576
´8
0: 80H~FFH
1: 80H~FFH
2: 80H~FFH
3: 80H~FFH
4: 80H~FFH
*
*
*
W r i t e r _ V D D
R E S
D A T A
C L K
W r i t e r _ V S S
T o o t h e r C i r c u i t
D A T A
C L K
V S S
R E S
V D D
W r i t e r C o n n e c t o r
S i g n a l s
M C U P r o g r a m m i n g
P i n s
Note:
* may be resistor or capacitor. The resistance
of * must be greater than 1k
W or the capacitance
of * must be less than 1nF.
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
T B H P
S T A T U S
S M O D
L V D C
I N T E G
W D T C
T B C
I N T C 0
I N T C 1
I N T C 2
U n u s e d
M F I 0
M F I 1
M F I 2
U n u s e d
P A W U
P A P U
P A
P A C
P B P U
P B
P B C
P C P U
P C
P C C
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
A D R L
A D R H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
3 A H
3 B H
3 C H
3 D H
3 E H
3 F H
4 0 H
4 1 H
4 2 H
4 3 H
4 4 H
4 5 H
4 6 H
4 7 H
4 8 H
4 9 H
4 A H
4 B H
4 C H
4 D H
4 E H
4 F H
5 0 H
5 1 H
5 2 H
5 3 H
5 4 H
5 5 H
5 6 H
5 7 H
5 8 H
5 9 H
5 A H
5 B H
5 C H
5 D H
5 E H
5 F H
A D C R 0
A D C R 1
A C E R L
U n u s e d
C P 0 C
C P 1 C
S I M C 0
S I M C 1
S I M D
S I M A / S I M C 2
T M 0 C 0
T M 0 C 1
T M 0 D L
T M 0 D H
T M 0 A L
T M 0 A H
U n u s e d
E E C
E E A
E E D
T M P C 0
U n u s e d
U n u s e d
U n u s e d
U n u s e d
T M 1 C 0
T M 1 C 1
U n u s e d
T M 1 D L
T M 1 D H
T M 1 A L
T M 1 A H
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
U n u s e d
S C O M C
U n u s e d
B a n k 0 , 1
B a n k 0
B a n k 1
HT66F20 Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com