Electronic Components Datasheet Search
  English  ▼

X  

PSHM120/01 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSHM120/01
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSHM120/01 Datasheet(HTML) 3 Page - Powersem GmbH

  PSHM120/01 Datasheet HTML 1Page - Powersem GmbH PSHM120/01 Datasheet HTML 2Page - Powersem GmbH PSHM120/01 Datasheet HTML 3Page - Powersem GmbH PSHM120/01 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECO-PACTM 2
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
T
J - Degrees C
-50 -25
0
255075
100 125 150
0,5
0,6
0,7
0,8
0,9
1,0
1,1
1,2
V
GS(th)
T
C - Degrees C
-50 -25
0
25
50
75 100 125 150
0
20
40
60
80
T
J - Degrees C
-50 -25
0
255075
100 125 150
0,50
0,75
1,00
1,25
1,50
1,75
2,00
2,25
2,50
I
D - Amperes
0
2040
6080 100 120 140 160
0,8
0,9
1,0
1,1
1,2
1,3
1,4
V
GS = 10V
V
GS = 15V
V
GS - Volts
0
123
45
6789
10
0
25
50
75
100
125
150
T
J = 125°C
V
DS - Volts
0,0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 4,0 4,5 5,0
0
50
100
150
200
8V
5V
V
GS = 10V
9V
7V
6V
T
J = 25°C
I
D = 37.5A
BV
DSS
T
J = 25°C
T
J = 25°C
Fig. 1 Output Characteristics
Fig. 2 Input Admittance
Fig. 3 R
DS(on) vs. Drain Current
Fig. 4 TemperatureDependence
of Drain to Source Resistance
Fig. 5 Drain Current vs. Case Temperature
Fig. 6 TemperatureDependenceof
Breakdown and Threshold Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com