Electronic Components Datasheet Search
  English  ▼

X  

PSHM120/01 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSHM120/01
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSHM120/01 Datasheet(HTML) 1 Page - Powersem GmbH

  PSHM120/01 Datasheet HTML 1Page - Powersem GmbH PSHM120/01 Datasheet HTML 2Page - Powersem GmbH PSHM120/01 Datasheet HTML 3Page - Powersem GmbH PSHM120/01 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSHM 120/01
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are sensitive to electrostatic discharge. Users
should observe proper ESD handling precautions.
Power MOSFET
in ECO-PAC 2
I
D25
= 75 A
V
DSS
= 100 V
R
DSon
= 25 m
Ω
Ω
Ω
Ω
Ω
t
rr
<
<
<
<
< 200 ns
K13
K12
NTC
L4
L9
R18
A1
P18
E10
F10
L6
Features
• HiPerFETTMtechnology
- low R
DSon
- low gate charge for high frequency
operation
-unclampedinductiveswitching(UIS)
capability
- dv/dt ruggedness
- fast intrinsic reverse diode
• ECO-PAC 2 package
- isolated back surface
-enlargedcreepagetowardsheatsink
- application friendly pinout
- low inductive current path
- high reliability
- solderable pins for PCB mounting
• UL registered, E 148688
Applications
• drives and power supplies
• battery or fuel cell powered
• automotive, industrial vehicle etc.
• secondary side of mains power
supplies
N-Channel Enhancement Mode
High dv/dt, Low t
rr, HDMOS
TM
Family
MOSFETs
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
100
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
100
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
300
A
I
AR
T
C = 25°C
75
A
E
AR
T
C = 25°C
30
mJ
dv/dt
I
S ≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
300
W
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250 µA
100
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2.0
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 • VDSS; TJ =
25°C
250
µA
V
GS = 0 V;
T
J = 125°C
1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
25
m
Ω
Pulse test, t < 300 µs, duty cycle d < 2%
g
fs
V
DS = 10 V; ID = ID25, pulse test
25
30
S
C
iss
4500
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1600
pF
C
rss
800
pF
t
d(on)
20
30
ns
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = 0.5 ID25
60
110
ns
t
d(off)
R
G = 2 Ω, (External)
80
110
ns
t
f
60
90
ns
Q
g(on)
180
260
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = 0.5 ID25
36
70
nC
Q
gd
85
160
nC
R
thJC
0.5 K/W
R
thCK
with heatsink compound (0.42 K/m.K; 50 µm)
0.25
K/W


Similar Part No. - PSHM120/01

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSHM12001 POWERSEM-PSHM12001 Datasheet
130Kb / 4P
Power MOSFET in ECO-PAC 2
PSHM120D-01 POWERSEM-PSHM120D-01 Datasheet
127Kb / 4P
Power MOSFET
PSHM120D/01 POWERSEM-PSHM120D/01 Datasheet
127Kb / 4P
Power MOSFET
PSHM120D01 POWERSEM-PSHM120D01 Datasheet
127Kb / 4P
Power MOSFET in ECO-PAC 2
More results

Similar Description - PSHM120/01

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com