Electronic Components Datasheet Search
  English  ▼

X  

UTCTL494 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCTL494
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL494 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCTL494 Datasheet HTML 1Page - Unisonic Technologies UTCTL494 Datasheet HTML 2Page - Unisonic Technologies UTCTL494 Datasheet HTML 3Page - Unisonic Technologies UTCTL494 Datasheet HTML 4Page - Unisonic Technologies UTCTL494 Datasheet HTML 5Page - Unisonic Technologies UTCTL494 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UTCTL494
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R103-004,A
note 4: Standard deviation is a measure of the statistical distribution the mean as derived from the formula :
TEST CIRCUIT
DEAD-TIME
FEEDBACK
RT
CT
ERROR AMPLIFIER
OUTPUT CONTROL
GND
E2
C2
E1
C1
Vcc
TEST
INPUTS
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
Vcc=15V
2W 150
Ω
2W 150
Ω
OUTPUT 1
OUTPUT 2
Vref
OUTPUT
50k
Ω
12k
Ω
0.01
µF
VOLTAGE
at C1
DEAD-TIME
CONTROL INPUT
FEEDBACK
VOLTAGE
at C2
VOLTAGE
at CT
THRESHOLD VOLTAGE
THRESHOLD VOLTAGE
FIG 1. OPERATIONAL TEST CIRCUIT AND WAVEFORMS
σ= Σ
N
(
xn-x)
2
N-1
n=1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com