Electronic Components Datasheet Search
  English  ▼

X  

UTCTL494 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCTL494
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL494 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCTL494 Datasheet HTML 1Page - Unisonic Technologies UTCTL494 Datasheet HTML 2Page - Unisonic Technologies UTCTL494 Datasheet HTML 3Page - Unisonic Technologies UTCTL494 Datasheet HTML 4Page - Unisonic Technologies UTCTL494 Datasheet HTML 5Page - Unisonic Technologies UTCTL494 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UTCTL494
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R103-004,A
Vin
ERROR
AMPLIFIER
1
2
15
16
Vref
ERROR
AMPLIFIER
FEEDBACK
TERMINAL
FIG 2. AMPLIFIER CHARACTERISTICS
15pF
68
Ω
Q
EACH
OUTPUT
CIRCUIT
Vcc
tr
tf
90%
10%
90%
10%
Vc
15pF
68
Ω
Q
EACH
OUTPUT
CIRCUIT
Vcc
tr
tf
90%
10%
90%
10%
Ve
FIG. 3
COMMON-EMITTER CONFIGURATION
FIG. 4
EMITTER -FOLLOWER CONFIGURATION
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NONINV
INPUT
INV INPUT
FEEDBACK
DEAD-TIME
CONTROL
CT
RT
GND
C1
E1
E2
C2
OUTPUT
CONTROL
Vcc
Vref
INV INPUT
NONINV
INPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com