Electronic Components Datasheet Search
  English  ▼

X  

UTCULN2003 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCULN2003
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCULN2003 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCULN2003 Datasheet HTML 1Page - Unisonic Technologies UTCULN2003 Datasheet HTML 2Page - Unisonic Technologies UTCULN2003 Datasheet HTML 3Page - Unisonic Technologies UTCULN2003 Datasheet HTML 4Page - Unisonic Technologies UTCULN2003 Datasheet HTML 5Page - Unisonic Technologies UTCULN2003 Datasheet HTML 6Page - Unisonic Technologies UTCULN2003 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTC ULN2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R113-001,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Input Voltage
VIN
-0.5~30
V
Output Sustaining Voltage
VCE (SUS)
-0.5~50
V
Output Current
IOUT
500
mA/ch
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
Power Dissipation
PD
DIP: 1.47
SOP:0.54/0.625(Note)
W
Operating Ambient Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
TStg
-55 to +150
°C
Note: On glass epoxy PCB (30x30x1.6mm Cu 50%)
ELECTRICAL CHARACTERISTICS (Ta = 25
°C, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
FIG
Output Leakage Current
ICEX
VCE=50V,T A=25
°C
VCE=50V,T A=85
°C
50
100
µA
1
Collector-Emitter
Saturation Voltage
VCE(SAT)
IOUT=350mA,IIN=500
µA
IOUT=200mA,IIN=350
µA
IOUT=100mA,IIN=250
µA
1.3
1.1
0.9
1.6
1.3
1.1
V
2
Input Current (output on)
IIN(ON)
VIN =2.4V,IOUT=350mA
0.4
0.7
mA
3
Input Current (output off)
IIN(OFF)
IOUT=500
µA,TA=85°C
50
65
µA
4
Input Voltage (output on)
VIN(ON)
VCE=2.0V,hFE=800,
IOUT=350mA
IOUT=200mA
2.6
2.0
V
5
Clamp Diode Reverse Current
IR
VR=50V, TA=25
°C
VR=50V, TA=85
°C
50
100
µA
6
Clamp Diode Forward Voltage
VF
IF=350mA
2.0
V
7
Input Capacitance
CIN
15
pF
-
Turn -On Delay
tON
VOUT=50V,RL=125
Ω ,CL=15pF
0.1
µS
8
Turn -Off Delay
tOFF
VOUT=50V,RL=125
Ω ,CL=15pF
0.2
µS
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com