Electronic Components Datasheet Search
  English  ▼

X  

UTCULN2003 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCULN2003
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCULN2003 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCULN2003 Datasheet HTML 1Page - Unisonic Technologies UTCULN2003 Datasheet HTML 2Page - Unisonic Technologies UTCULN2003 Datasheet HTML 3Page - Unisonic Technologies UTCULN2003 Datasheet HTML 4Page - Unisonic Technologies UTCULN2003 Datasheet HTML 5Page - Unisonic Technologies UTCULN2003 Datasheet HTML 6Page - Unisonic Technologies UTCULN2003 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTC ULN2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R113-001,B
SEVEN DARLINGTON ARRAYS
DESCRIPTION
The UTC ULN2003 is high-voltage,high-current darlighton
drivers comprised of seven NPN darlington pairs.
FEATURES
*Output current (single output) 500mA MAX.
*High sustaining voltage output 50V MIN.
*Output clamp diodes
*Inputs compatible with various types of logic
APPLICATIONS
*Relay, hammer, lamp and display (LED) drivers.
SCHEMATICS (EACH DRIVER)
Note: The input and output parasitic diodes cannot be used
as clamp diodes.
DIP-16
SOP-16
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
GND
Common
Free
Wheeling
Diodes
OUT
OUT
OUT
OUT
OUT
OUT
IN
IN
IN
IN
IN
IN
OUT


Similar Part No. - UTCULN2003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCU584 UTC-UTCU584 Datasheet
686Kb / 6P
3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR
UTCU651 UTC-UTCU651 Datasheet
133Kb / 3P
LINEAR INTEGRATED CIRCUIT
UTCUA8868 UTC-UTCUA8868 Datasheet
156Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3843A UTC-UTCUC3843A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
More results

Similar Description - UTCULN2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
SEVEN DARLINGTON ARRAYS
Sep-1998
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
SEVEN DARLINGTON ARRAYS
Dec-1997
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN_19 Datasheet
686Kb / 8P
SEVEN DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com