Electronic Components Datasheet Search
  English  ▼

X  

VT98001 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VT98001
Description  Multifrequency Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT98001 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VT98001 Datasheet HTML 1Page - Vaishali Semiconductor VT98001 Datasheet HTML 2Page - Vaishali Semiconductor VT98001 Datasheet HTML 3Page - Vaishali Semiconductor VT98001 Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VT98001
Advance Information
2001-07-25
Page
3
MDST-0013-00
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 2. Mode Control and Frequency Selection Table (/PD = HIGH)
(1,2)
Control
(3)
Outputs
Pin 9
Mode
Pin 1
(Select 24/28MHz).
Pin 10
(24.576 MHz / 28.224 MHz)
Pin 13
(18.43 MHz / 6 MHz)
0
0
0
1
High Impedance
18.432 MHz
1
0
24.576 MHz
1
1
28.224 MHz
6 MHz
Notes: 1. 27MHz (Pins 18 &19) and 24.576 MHz (Pin 8) are active, unless /PD = LOW
2. 2 kHz standby clock is always active, independent of /PD logic state
3. 0 = Low, 1 = HIGH
Table 3. Recommended Crystal Specification
Frequency accuracy is directly proportional to the capacitive load (CL) of the crystal.
Parameter
Definition
Min
Typ
Max
Units
Frequency at CL, FL
Defines the series resonant
frequency at CL
27.000
MHz
Total accuracy: includes initial
accuracy @ 25ºC, aging, and
temperature drift (25ºC to 70ºC)
Maximum deviation from
nominal frequency @ 25ºC,
taking in to account aging,
and temperature drift
40
ppm
Load Capacitance CL
Capacitive load for nominal
frequency FL
20
pf
C1
Motional capacitance of the
crystal
TBD
pf
C0
Shunt capacitance of the
crystal
7
pf
ESR
Equivalent Series
Resistance of the crystal
40
ohms
Table 4. Operating Conditions
Parameter
Conditions
Min
Typ
Max
Units
Power Supply Voltage, VDD
3.0
3.3
3.6
V
Input High Voltage, VIH
2.0
VDD
V
Input Low Voltage, VIL
0.8
V
Operating Temperature,TA
0
25
70
ºC
Table 5. Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Output voltage high IOH = -8 mA
VOH
2.7
V
Output voltage low IOL = 8 mA
VOL
0.4
V
Maximum input capacitance (X1,X2)
Cin
3
pF
Power consumption (operating)
Idd1
mA
Power consumption (powerdown)
Idd2
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com