Electronic Components Datasheet Search
  English  ▼

X  

VT98001 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # VT98001
Description  Multifrequency Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT98001 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  VT98001 Datasheet HTML 1Page - Vaishali Semiconductor VT98001 Datasheet HTML 2Page - Vaishali Semiconductor VT98001 Datasheet HTML 3Page - Vaishali Semiconductor VT98001 Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VT98001
Advance Information
2001-07-25
Page
4
MDST-0013-00
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 6. Phase Noise Requirements (Crystal phase noise must be less than
−130 dBc/Hz @ 10kHz)
Parameter
Symbol
Min
Typ
Max
Units
27 MHz
-120
dBc/Hz @ 10 kHz
24.576 MHz
-100
dBc/Hz @ 10 kHz
24.576/28.224 MHz
-100
dBc/Hz @ 10 kHz
18.432/6.000 MHz
-100
dBc/Hz @ 10 kHz
Table 7. Output Accuracies (Excluding crystal accuracy)
Parameter
Symbol
Min
Typ
Max
Units
24.576/28.224 MHz
0
ppm
2kHz
50
%
18.432/6.000 MHz
0
ppm
27 MHz
0
ppm
Table 8 AC Characteristics
All @Cload = 20 pF, VDD = 3.0V to 3.6V
Parameter
Symbol
Min
Typ
Max
Units
Duty Cycle @ VDD/2
δ
45/55
%
Rise time ( measured between 0.8V
and 2.0V)
Tr
1
2.5
ns
Fall time ( measured between 0.8V
and 2.0V)
Tf
1
2.5
ns
PLL lock time
Tlock
ms
Time to clock outputs after VDD is
available
Tst
50
ms
Ordering Information
Part Number
Marking
Shipping/Packaging
No. of Pins
Package
Temperature
VT98001Q
VT98001Q
Tubes
20
QSOP
0
°C to +70°C
VT98001QX
VT98001Q
Tape & Reel
20
QSOP
0
°C to +70°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com