Electronic Components Datasheet Search
  English  ▼

X  

BVM-S420CW3 Datasheet(PDF) 2 Page - Bright View Electronic Co., LTD.

Part # BVM-S420CW3
Description  LED STRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-S420CW3 Datasheet(HTML) 2 Page - Bright View Electronic Co., LTD.

  BVM-S420CW3 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
■ PRODUCT DIMENSIONS
Unit:mm
■ PART NUMBERING SYSTEM
B V M - S420C W 3 W S
LED Type Code
Connected Type Code
Operating Voltage Code
Color Code
Product Code
LED Module
BVM-S420CW3 series
Bright View Electronics
LED STRIP LIGHT
SMD Driver IC
SMD Zener Diode
SMD LED
Pitch=3.0mm
Connector: CP3501S
Connector:CP3502S
Pitch=3.0mm
Date:2008/06/05
Page:2 of 7
Version-C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com