Electronic Components Datasheet Search
  English  ▼

X  

BVM-S420CW3 Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-S420CW3
Description  LED STRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-S420CW3 Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-S420CW3 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-S420CW3 Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
■ ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
MAX
UNIT
Power Dissipation
7.5
W
Operating Voltage (maximum)
25
V
Electrostatic Discharge (Contact Mode)
±
2000
V
Operating Temperature Range
-
30 ~ +50
℃
Storage Temperature Range
-
30 ~ +85
℃
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25 ℃
SYMBOL
PARAMETER
TEST COND.
MIN.
TYP.
MAX.
UNIT
Vcc
Operating Voltage
23
24
25
V
IU
Vcc=24VDC
---
290
---
mA
2θ1/2
Vcc=24VDC
---
110
130
deg.
ΦU
Vcc=24VDC
---
417
---
lm
E
Illuminance (@30cm)
Vcc=24VDC
---
1164
---
lx
η
Luminous Efficacy
---
60
---
lm/W
Ra
Color Rendering Index
---
65
---
BVM-S420CW3 series
LED Viewing Angle
Vcc=24VDC
Operating current(Typ.)
Luminous flux (Typ.)
Vcc=24VDC
PARAMETER
Bright View Electronics
LED STRIP LIGHT
** Luminous flux was measured with corrected color tempersture
4500k,and will be different for various corrected color temperature.
Date:2008/06/05
Page:3 of 7
Version-C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com