Electronic Components Datasheet Search
  English  ▼

X  

H78L12 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H78L12
Description  3-TERMINAL FIXED VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H78L12 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H78L12 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H78L12 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
23213
3-TERMINAL FIXED VOLTAGE REGULATOR
H78L12
Shantou Huashan Electronic Devices Co.,Ltd.
█ Description
H78L12 is the three terminal positive Regulators with single chip,
and in a wide range of applications 。It supplies fixed output
voltages of 12V, deliver over 100mA output current ,and employs
internal current limiting, thermal shut down and safe operating
area protection, making it essentially indestructible.
1―OUTPUT
2―GND
3―INPUT
TO-92
█ Features
Output current up to 100mA
Low noise
High Ripple Rejection
Power Amplify Output Protection
Thermal Overload Protection
Current Overload Protection and Short Circuit Protection
█ Absolute Maximum Ratings(T
a=25℃)
VIN——Input Voltage……………………………………………………… 35V
PD ——Power of
Dissipation ………………………………………… 700mW
Tamb——Operating Temperature Range……………………………… -20~85℃
Tstg——Storage Temperature Range………………………………… -55~150℃
Tj——Junction Temperature………………………………………… -55~150℃
Rth——thermal resistance(junction to environment)………………… 180℃/W
█ Internal Block Diagram
SOA
Protection
Thermal
Protection
circuit
Error
Amplifier
Reference
Voltage
Starting
Circuit
Series
Bypass
Element
Current
Generator
GND
2
OUTPUT
1
INPUT
3


Similar Part No. - H78L12

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H78L12AA HSMC-H78L12AA Datasheet
108Kb / 10P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
H78L12AM HSMC-H78L12AM Datasheet
108Kb / 10P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
H78L12BA HSMC-H78L12BA Datasheet
108Kb / 10P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
H78L12BM HSMC-H78L12BM Datasheet
108Kb / 10P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - H78L12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H79L09 ETC2-H79L09 Datasheet
140Kb / 2P
3-TERMINAL FIXED VOLTAGE REGULATOR
logo
SHANTOU HUASHAN ELECTRO...
H78L05 HUASHAN-H78L05 Datasheet
60Kb / 2P
3-TERMINAL FIXED VOLTAGE REGULATOR
H78L15 HUASHAN-H78L15 Datasheet
143Kb / 2P
3-TERMINAL FIXED VOLTAGE REGULATOR
H78L24 HUASHAN-H78L24 Datasheet
142Kb / 2P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7805W HUASHAN-H7805W Datasheet
236Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7806A HUASHAN-H7806A Datasheet
231Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7808A HUASHAN-H7808A Datasheet
230Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7810A HUASHAN-H7810A Datasheet
239Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7812A HUASHAN-H7812A Datasheet
230Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7815 HUASHAN-H7815 Datasheet
350Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com