Electronic Components Datasheet Search
  English  ▼

X  

H78L12 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H78L12
Description  3-TERMINAL FIXED VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H78L12 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H78L12 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H78L12 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23213
3-TERMINAL FIXED VOLTAGE REGULATOR
H78L12
Shantou Huashan Electronic Devices Co.,Ltd.
█Typical Application
H78L12
GND
OUTPUT
INPUT
█ ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VIN=19V,IO=40mA,0℃≤Tj≤125℃,CIN=0.33μF,COUT=0.1μF)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
11.5
12.0
12.5
T
j
=25℃
11.5
12.5
14V≤V
IN
≤27V,1mA≤I
O
≤40mA
VO
Output Voltage
11.5
12.5
V
VIN
=19V,1mA≤I
O
≤70mA
14
250
T
j
=25℃, 14.5V≤V
IN
≤27V
ΔVO
Line Regulation
10
200
mV
T
j
=25℃, 16V≤V
IN
≤27V
20
100
T
j
=25℃,1mA≤I
O
≤100mA
ΔVO
Load Regulation
10
50
mV
T
j
=25℃,1mA≤I
O
≤40mA
IQ
Quiescent
Current
2.6
6.0
mA
T
j
=25℃
1.5
16V≤V
IN
≤27V, I
O
=40mA
ΔIQ
Quiescent
Current Change
0.1
mA
VIN
=19V,1mA≤I
O
≤40mA
VN
Output
Noise
Voltage
115
280
μV
T
j
=25℃,10Hz≤f≤100kHz
RR
Ripple Rejection
47
66
dB
T
j
=25℃,15V≤V
IN
≤25V,
f=120Hz
VD
Dropout Voltage
1.7
V
T
j
=25℃
ISC
Short
Circuit
Current
88
mA
T
j
=25℃,V
IN
=20V
IPK
Peak Current
125
160
205
mA
T
j
=25℃
ΔVO/ΔT
Temperature
coefficient of VO
1.1
mV/
℃ I
O
=5mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com