Electronic Components Datasheet Search
  English  ▼

X  

DG641 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG641
Description  Low On-Resistance Wideband/Video Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG641 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG641 Datasheet HTML 2Page - Vishay Siliconix DG641 Datasheet HTML 3Page - Vishay Siliconix DG641 Datasheet HTML 4Page - Vishay Siliconix DG641 Datasheet HTML 5Page - Vishay Siliconix DG641 Datasheet HTML 6Page - Vishay Siliconix DG641 Datasheet HTML 7Page - Vishay Siliconix DG641 Datasheet HTML 8Page - Vishay Siliconix DG641 Datasheet HTML 9Page - Vishay Siliconix DG641 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DG641/642/643
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-8
Document Number: 70058
S-52433—Rev. E, 06-Sep-99
TEST CIRCUITS
FIGURE 5. All Hostile Crosstalk – XTALK(AH)
Signal
Generator
75
W
S1
S2
“0”
VOUT
RL
75
W
RL
RL
RL
RIN
10
W
S1
S2
S3
S4
“1”
D1
D2
D3
D4
Signal
Generator
75
W
RIN
10
W
V
(a)
DG641
(b)
DG642
RL
D1
D2
V
+15 V
–3 V
V+
V–
Signal
Generator
50
W
VOUT
RL
50
W
SD
FIGURE 6. Bandwidth
VOUT
RL
75
W
X
TALK(AH) + 20 log10
V
OUT
V
APPLICATIONS
Device Description
The DG641/642/643 switches offer true bidirectional switching
of high frequency analog or digital signals with minimum signal
crosstalk, low insertion loss, and negligible non-linearity
distortion and group delay.
Built on the Siliconix D/CMOS process, these switches provide
excellent off-isolation with a bandwidth of around 500 MHz.
The silicon-gate D/CMOS processing also yields fast
switching speeds.
An on-chip regulator circuit maintains TTL input compatibility
over the whole operating supply voltage range shown, easing
control logic interfacing.
Circuit layout is facilitated by the interchangeability of source
and drain terminals.
Frequency Response
A single switch on-channel exhibits both resistance [rDS(on)]
and capacitance [CS(on)]. This RC combination has an
attenuation effect on the analog signal – which is frequency
dependent (like an RC low-pass filter). The –3 dB bandwidth
of the DG641/642/643 is typically 500 MHz (into 50
W).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com