Electronic Components Datasheet Search
  English  ▼

X  

DG641 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG641
Description  Low On-Resistance Wideband/Video Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG641 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG641 Datasheet HTML 1Page - Vishay Siliconix DG641 Datasheet HTML 2Page - Vishay Siliconix DG641 Datasheet HTML 3Page - Vishay Siliconix DG641 Datasheet HTML 4Page - Vishay Siliconix DG641 Datasheet HTML 5Page - Vishay Siliconix DG641 Datasheet HTML 6Page - Vishay Siliconix DG641 Datasheet HTML 7Page - Vishay Siliconix DG641 Datasheet HTML 8Page - Vishay Siliconix DG641 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG641/642/643
Vishay Siliconix
Document Number: 70058
S-52433—Rev. E, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–55
–35
–15
5
25
45
65
85 105
125
I +
I –
Supply Current vs. Temperature
IGND
Temperature (
_C)
–55
0
125
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
Leakages vs. Temperature
Temperature (
_C)
0.1 pA
–25
25
50
75
100
20
15
10
5
0
–3
–1
1
3
5
7
9
11
V+ = 15 V
V– = –3 V
DG642
rDS(on) vs. Drain Voltage
VD – Drain Voltage (V)
125
_C
25
_C
–55
_C
1
10
100
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
f – Frequency (MHz)
DG641/643
DG642
Off Isolation
22
20
18
16
14
12
10
8
6
12
10
8
6
4
2
0
(VD) – (V–)
DG642
DG641/643
On Capacitance
40
30
20
10
0
–3
–1
1
3
5
7
9
11
V+ = 15 V
V– = –3 V
125
_C
25
_C
–55
_C
DG641/643
rDS(on) vs. Drain Voltage
VD – Drain Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com