Electronic Components Datasheet Search
  English  ▼

X  

0912LD20 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 0912LD20
Description  20 Watts, 28 Volts Pulsed Avionics 960 to 1215 MHz LDMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

0912LD20 Datasheet(HTML) 1 Page - Microsemi Corporation

  0912LD20 Datasheet HTML 1Page - Microsemi Corporation 0912LD20 Datasheet HTML 2Page - Microsemi Corporation 0912LD20 Datasheet HTML 3Page - Microsemi Corporation 0912LD20 Datasheet HTML 4Page - Microsemi Corporation 0912LD20 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
0912LD20
20 Watts, 28 Volts
Pulsed Avionics 960 to 1215 MHz
LDMOS FET
GENERAL DESCRIPTION
The 0912LD20 is a COMMON SOURCE N-Channel enhancement mode lateral
MOSFET capable of providing 20Wpk of RF power from 960 to 1215 MHz.
The device is nitride passivated and utilizes gold metallization to ensure highest
MTTF.
The transistor includes input and output prematch for broadband
capability.
Low thermal resistance package reduces junction temperature,
extends life.
CASE OUTLINE
55QT
(Common Source)
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation @25
°C (Pd)
60 W
Voltage and Current
Drain-Source (VDSS)
35V
Gate-Source (VGS, VDS=0)
20V
Temperatures
Storage Temperature
-40 to +150
°C
Operating Case Temperature
+100
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BVdss
Drain-Source Breakdown
Vgs = 0V, Id = 1mA
65
V
Idss
Drain-Source Leakage Current
Vds = 28V, Vgs= 0V
50
µA
Igss
Gate-Source Leakage Current
Vgs = 10V, Vds = 0V
1
µA
Vgs(th)
Gate Threshold Voltage
Vds = 10V, Id = 3mA
3
5
V
Vds(on)
Drain-Source On Voltage
Vgs = 10V, Id = 250mA
0.23
V
gFS
Forward Transconductance
Vds = 10V, Id = 125mA
590
mA/V
θJC1
Thermal Resistance
0.3
ºC/W
FUNCTIONAL CHARACTERISTICS @ 25
°C, Vds = 28V, I
dq = 80mA
GPS
Common Source Power Gain
Pulse width = 32µs, LTDC=2%
14
15
dB
Pd
Pulse Droop
F=960/1215 MHz, Pout = 20W
0.5
dB
ηd
Drain Efficiency
F = 960 MHz, Pout = 20W
40
42
%
ψ
Load Mismatch
F = 1090 MHz, Pout = 20W
5:1
NOTES: 1. At rated output power and pulse conditions
2. Pulse Format 1: 32µs, 2% Long Term Duty Factor
Rev. A - May 2008


Similar Part No. - 0912LD20

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
0912 ASSUN-0912 Datasheet
1Mb / 1P
METAL BRUSH
2024-A
logo
GHz Technology
0912-25 GHZTECH-0912-25 Datasheet
299Kb / 3P
25 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
0912-45 GHZTECH-0912-45 Datasheet
287Kb / 3P
45 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
0912-7 ETC1-0912-7 Datasheet
184Kb / 4P
Intemally Matched, Common Base Transistor
logo
GHz Technology
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results

Similar Description - 0912LD20

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TAN150 GHZTECH-TAN150 Datasheet
168Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
JTDB25 ETC-JTDB25 Datasheet
110Kb / 2P
25 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
JTDB75 ETC-JTDB75 Datasheet
230Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN300 ETC1-TAN300 Datasheet
240Kb / 3P
300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Advanced Power Technolo...
1004MP ADPOW-1004MP Datasheet
184Kb / 2P
4 Watts, 35 Volts Pulsed Avionics, 960 to 1215 MHz
logo
GHz Technology
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Microsemi Corporation
JTDB25 MICROSEMI-JTDB25 Datasheet
187Kb / 3P
25 Watts, 36 Volts, Pulsed Avionics, 960-1215 MHz
JTDB75 MICROSEMI-JTDB75 Datasheet
131Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN500 MICROSEMI-TAN500 Datasheet
348Kb / 5P
500 Watts, 50 Volts Pulsed Avionics 960 to 1215 MHz
TAN75A MICROSEMI-TAN75A Datasheet
540Kb / 4P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com