Electronic Components Datasheet Search
  English  ▼

X  

0912LD20 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 0912LD20
Description  20 Watts, 28 Volts Pulsed Avionics 960 to 1215 MHz LDMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

0912LD20 Datasheet(HTML) 2 Page - Microsemi Corporation

  0912LD20 Datasheet HTML 1Page - Microsemi Corporation 0912LD20 Datasheet HTML 2Page - Microsemi Corporation 0912LD20 Datasheet HTML 3Page - Microsemi Corporation 0912LD20 Datasheet HTML 4Page - Microsemi Corporation 0912LD20 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
0912LD20
PW = 32us, DC=2%: Typical Data
0912LD20 Input/Output
(typical)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Input Powe r (W)
960MHz
1090MHz
1215MHz
0912LD20 Input/Output
(typical)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Input Powe r (W)
960MHz
1090MHz
1215MHz
0912LD20 Input Re turn Loss
(typical)
-10.00
-9.00
-8.00
-7.00
-6.00
-5.00
-4.00
-3.00
-2.00
-1.00
0.00
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Output Powe r (W)
960MHz
1090MHz
1215MHz
0912LD20 Efficie ncy
(typical)
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Output Pow e r (W )
960MHz
1090MHz
1215MHz
Mode-S Pulse Format Typical Data
Freq = 1090 MHz (Performance optimized at 1090 MHz)
VDD = 28V, Idq = 80mA, Class-AB Bias
Mode-S Pulse Burst: 0.5uS ON/0.5 uS OFF, 128 pulses, repeated every 3.2 mS (LDTC = 2%)
Pulse #
Gp
R.L(Input)
Droop
dBmW
dB
dBmW
dB
(dB)
1
43.0
20.0
16.90
26.10
0.41
-12.60
-0.1
64
42.9
19.4
16.77
26.10
0.41
128
42.9
19.5
16.80
26.10
0.41
Pout
Pin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com