Electronic Components Datasheet Search
  English  ▼

X  

10502 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 10502
Description  500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

10502 Datasheet(HTML) 1 Page - Microsemi Corporation

  10502 Datasheet HTML 1Page - Microsemi Corporation 10502 Datasheet HTML 2Page - Microsemi Corporation 10502 Datasheet HTML 3Page - Microsemi Corporation 10502 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
GENERAL DESCRIPTION
The 10502 is a high power COMMON BASE bipolar transistor. It is designed
for pulsed systems in the frequency band 1030/1090 MHz, with the pulse width
and duty required for MODE-S &TCAS applications. The device has gold thin-
film metallization and diffused ballasting for proven highest MTTF. The
transistor includes input and output prematch for broadband capability. Low
thermal resistance package reduces junction temperature, extends life.
CASE OUTLINE
55SM
Common Base
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
oC1
1458 Watts
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
40 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200
oC
Operating Junction Temperature
+ 230
oC
ELECTRICAL CHARACTERISTICS @ 25
OC
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Output Power
F = 1030/1090 MHz
500
W
PIN
Input Power
VCC = 50 Volts
70
W
PG
Power Gain
PW = 32
µsec, DF = 2%
8.5
dB
η
c
Collector Efficiency
40
%
RL
Return Loss
10
dB
VSWR
Load Mismatch Tolerance
1
F = 1090 MHz
10:1
BVEBO
Emitter to Base Breakdown
Ie = 15 mA
3.5
Volts
BVCES
Collector to Emitter Breakdown
Ic = 60 mA
65
Volts
ICBO
Collector to Base Leakage
VCB = 36V
25
mA
hFE
DC - Current Gain
Ic = 5 A, Vce = 5 V
20
θjc1
Thermal Resistance
0.12
oC/W
Note 1: At rated output power and pulse conditions
Rev. B: Updated July 2009
10502
500 Watts, 50 Volts, Pulsed
Avionics 1030 / 1090 MHz


Similar Part No. - 10502

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
NXP Semiconductors
10502 NXP-10502 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
List of Unclassifed Man...
10502 ETC-10502 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10502 HEYCO-10502 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
More results

Similar Description - 10502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500 GHZTECH-TPR500 Datasheet
272Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com