Electronic Components Datasheet Search
  English  ▼

X  

10502 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 10502
Description  500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

10502 Datasheet(HTML) 2 Page - Microsemi Corporation

  10502 Datasheet HTML 1Page - Microsemi Corporation 10502 Datasheet HTML 2Page - Microsemi Corporation 10502 Datasheet HTML 3Page - Microsemi Corporation 10502 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
10502 SAMPLE DEVICE (Pout vs Pin)
0
100
200
300
400
500
600
700
0
1020
3040
50
6070
8090
100
Pin(W)
1030MHz
1090MHz
10502 SAMPLE DEVICE (Effic vs Pin)
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
0
1020
30
40
5060
7080
90
100
Pin(W)
1030MHz
1090MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com