Electronic Components Datasheet Search
  English  ▼

X  

2SC5103 Datasheet(PDF) 2 Page - Rohm

Part # 2SC5103
Description  High speed switching transistor (60V, 5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5103 Datasheet(HTML) 2 Page - Rohm

  2SC5103 Datasheet HTML 1Page - Rohm 2SC5103 Datasheet HTML 2Page - Rohm 2SC5103 Datasheet HTML 3Page - Rohm 2SC5103 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SC5103
Electrical characteristics curves
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
0
5
4
3
2
1
1
234
5
0
Ta
=25°C
IB
= 5mA
10mA
15mA
20mA
25mA
30mA
35mA
40mA
45mA
50mA
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
VCE
= 2V
1000
200
100
20
10
1
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5 10
2
5
50
500
COLLECTOR CURRENT : IC (A)
Fig.3 DC current gain vs. collector current
Ta
=100°C
25
°C
−25°C
VCE
=2V
COLLECTOR CURRENT : IC (A )
Fig.4 Collector-emitter saturation voltage
Base-emitter saturation voltage −collector current
10
2
1
0.2
0.1
0.01
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5 10
0.02
0.05
0.5
5
Ta
= −25°C
Ta
=100°C
25
°C
25
°C
−25°C
100
°C
IC/IB
=20
VBE(sat)
VCE(sat)
1000
200
100
20
10
1
−0.001−0.002 −0.005 −0.01 −0.02 −0.05 −0.1 −0.2
−0.5 −1
2
5
50
500
EMITTER CURRENT : IE (A)
Fig.5 Gain bandwidth product vs.emitter current
Ta
=25°C
VCE
=10V
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.6 Collector output capacitance vs.
collector-base voltage
10000
2000
1000
200
100
10
0.1
0.2
0.5
1
2
5
10
20
50 100
20
50
500
5000
Ta
=25°C
IE
=0A
f
=1MHz
COLLECTOR CURRENT : IC (A)
Fig.7 Switching characteristics
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.05
0.1
0.2
0.5
1
2
5
10
IC
=20 IB1= −20 IB2
PULSE
tstg
tf
ton
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.8 Safe operating area
0.5
1
2
5
10
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
Tc
=25
°C
Ic MAX (Pulse
∗)
∗Single
nonrepetitive
pulse
Pw
=100ms∗
10ms
∗
DC
TIME : t
(s)
Fig.9 Transient thermal resistance
0.1
0.01
0.001
0.01
0.1
1
10
100
1000
1
10
10000
1000
100
(1)Using infinite heat sink
(2)Unmounted
(1)
(2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com