Electronic Components Datasheet Search
  English  ▼

X  

2SC5103 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5103
Description  High speed switching transistor (60V, 5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5103 Datasheet(HTML) 1 Page - Rohm

  2SC5103 Datasheet HTML 1Page - Rohm 2SC5103 Datasheet HTML 2Page - Rohm 2SC5103 Datasheet HTML 3Page - Rohm 2SC5103 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
High speed switching transistor (60V, 5A)
2SC5103
Features
Dimensions (Unit : mm)
1) Low VCE(sat) (Typ. 0.15V at IC / IB = 3 / 0.15A)
2) High speed switching (tf : Typ. 0.1
s at IC = 3A)
3) Wide SOA. (safe operating area)
4) Complements the 2SA1952.
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
100
60
5
5
1
150
−55 to +150
Unit
V
V
V
A(DC)
10
∗
A(Pulse)
W
10
W(Tc
=25°C)
°C
°C
Single pulse Pw=100ms
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector power
dissipation
∗
Packaging specifications and hFE
Type
2SC5103
CPT3
Q
TL
2500
Package
hFE
Code
Basic ordering unit (pieces)
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
100
5
−
−
−
120
−
−
−
−
−
−
0.15
−
120
80
−
−
10
10
0.3
270
−
−
V
V
μA
μA
V
−
MHz
pF
IC
= 50μA
BVCEO
60
−−
V
IC
= 1mA
IE
= 50μA
VCB
= 100V
VEB
= 5V
IC/IB
= 3A/0.15A
VBE(sat)
−−
1.2
V
IC/IB
= 3A/0.15A
−−
0.5
V
IC/IB
= 4A/0.2A
−−
1.5
V
∗
∗
∗
∗
∗
IC/IB
= 4A/0.2A
VCE/IC
= 2V/1A
40
−−
−
VCE/IC
= 2V/3A
VCB
= 10V , IE = −0.5A , f = 30MHz
VCE
= 10V , IE = 0A , f = 1MHz
ton
−
−
0.3
μs
IC
= 3A , RL = 10Ω
tstg
−
−
1.5
μs
IB1
= −IB2 = 0.15A
tf
−
0.1
0.3
μs
VCC
30V
Transition frequency
Output capacitance
Turn-on time
Storage time
Fall time
Base-emitter saturation voltage
Collector-emitter saturation voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current
transfer ratio
Collector-base breakdown voltage
Measured using pulse current.
∗
9.5
2.5
0.8Min.
1.5
C0.5
0.9
1.5
5.5
(3) Emitter
(2) Collector
(1) Base
ROHM : CPT3
EIAJ : SC-63


Similar Part No. - 2SC5103

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
High speed switching transistor (60V, 5A)
logo
Inchange Semiconductor ...
2SC5103 ISC-2SC5103 Datasheet
302Kb / 2P
isc Silicon NPN Transistor
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
High speed switching transistor (60V, 5A)
More results

Similar Description - 2SC5103

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
60V/5A High-Speed Switching Applications
2SA1469 SANYO-2SA1469 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Rohm
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952_09 Datasheet
164Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
High speed switching transistor (60V, 5A)
2SA1906 ROHM-2SA1906 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com