Electronic Components Datasheet Search
  English  ▼

X  

2SC5880 Datasheet(PDF) 3 Page - Rohm

Part # 2SC5880
Description  Power transistor (60V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5880 Datasheet(HTML) 3 Page - Rohm

  2SC5880 Datasheet HTML 1Page - Rohm 2SC5880 Datasheet HTML 2Page - Rohm 2SC5880 Datasheet HTML 3Page - Rohm 2SC5880 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5880
Transistors
Rev.B
3/3
EMITTER CURRENT : IE (A)
Fig.7 Transition Frequency
0.001
10
1
0.1
0.01
1
10
100
1000
Ta
=25°C
VCE
=10V
0.1
1
10
100
1
10
100
BASE TO COLLECTOR VOLTAGE : VCB (V)
Fig.8 Collector Output Capacitance
Ta
=25°C
f
=1MHz
0.01
10
1
0.1
10
100
1000
COLLECTOR CURRENT : IC (A)
Fig.9 Switching Time
Ta
=25°C
VCC
=25V
IC / IB
=10 / 1
tstg
tf
ton
0.01
100
10
1
0.1
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
0.001
0.01
0.1
1
10
Fig.10 Safe Operating Area
Single
non repetitive
Pulsed
100ms
10ms
1ms
DC
Switching characteristics measurement circuits
Collector current
waveform
Base current
waveform
IB1
IB1
90%
10%
IB2
IB2
IC
VIN
PW
IC
RL
=12.5Ω
VCC
25V
PW
50 S
Duty cycle
≤ 1%
ton
tstg
tf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com