Electronic Components Datasheet Search
  English  ▼

X  

2SC5880 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5880
Description  Power transistor (60V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5880 Datasheet(HTML) 1 Page - Rohm

  2SC5880 Datasheet HTML 1Page - Rohm 2SC5880 Datasheet HTML 2Page - Rohm 2SC5880 Datasheet HTML 3Page - Rohm 2SC5880 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5880
Transistors
Rev.B
1/3
Power transistor (60V, 2A)
2SC5880
Features
1) High speed switching.
(tf : Typ. : 35ns at IC = 2A)
2) Low saturation voltage, typically
(Typ. : 200mV at IC = 1.0A, IB = 100mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2093
Applications
Low frequency amplifier
High speed switching
Dimensions (Unit : mm)
Symbol : C5880
(1) Emitter
(2) Collector
(3) Base
ATV
Taping specifications
Structure
NPN Silicon epitaxial planar transistor
Packaging specifications
Taping
2SC5880
Type
TV2
2500
Package
Basic ordering unit (pieces)
Code
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
V
A
A
W
°C
°C
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
tj
tstg
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DC
Pulsed
60
60
6
2
4
1.0
150
−55 to 150
∗
∗Pw=10ms


Similar Part No. - 2SC5880

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880 Datasheet
939Kb / 4P
Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880_11 Datasheet
939Kb / 4P
Power transistor (60V, 2A)
More results

Similar Description - 2SC5880

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
Power transistor (60V, 2A)
2SC5866 ROHM-2SC5866 Datasheet
39Kb / 3P
Medium power transistor (60V, 2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
Power transistor (-60V, -2A)
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
Medium Power Transistor ( 60V, 2A)
2SC5866 ROHM-2SC5866_1 Datasheet
86Kb / 4P
Medium power transistor (60V, 2A)
2SA2093 ROHM-2SA2093_11 Datasheet
938Kb / 4P
Power transistor (-60V, -2A)
2SC5880 ROHM-2SC5880_11 Datasheet
939Kb / 4P
Power transistor (60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
Medium Power Transistor (60V, 2A)
2SC5866TLR ROHM-2SC5866TLR Datasheet
306Kb / 4P
Medium power transistor (60V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com