Electronic Components Datasheet Search
  English  ▼

X  

MAX8570 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8570
Description  High-Efficiency LCD Boost with True Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8570 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8570 Datasheet HTML 1Page - Maxim Integrated Products MAX8570 Datasheet HTML 2Page - Maxim Integrated Products MAX8570 Datasheet HTML 3Page - Maxim Integrated Products MAX8570 Datasheet HTML 4Page - Maxim Integrated Products MAX8570 Datasheet HTML 5Page - Maxim Integrated Products MAX8570 Datasheet HTML 6Page - Maxim Integrated Products MAX8570 Datasheet HTML 7Page - Maxim Integrated Products MAX8570 Datasheet HTML 8Page - Maxim Integrated Products MAX8570 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX8570 family of LCD step-up converters uses
an internal n-channel switch and an internal p-channel
output isolation switch. These converters operate from
a 2.7V to 5.5V supply voltage and deliver up to 28V at
the output.
A unique control scheme provides the highest efficien-
cy over a wide range of load conditions. The internal
MOSFET switch reduces external component count and
a high switching frequency (up to 800kHz) allows for
tiny surface-mount components. Three current-limit
options are available. The MAX8570 and MAX8572 use
a 110mA current limit to reduce ripple and component
size in low-current applications. For high-power require-
ments, the MAX8574 and MAX8575 use a 500mA cur-
rent limit and supply up to 20mA at 20V. The MAX8571
and MAX8573 use a 250mA current limit for a compro-
mise between ripple and power. Built-in safety features
protect the internal switch and down-stream compo-
nents from fault conditions.
Additional features include a low quiescent current and
a True Shutdown
™ mode to save power. The MAX8570/
MAX8571/MAX8574 allow the user to set the output
voltage between 3V and 28V, and the MAX8572/
MAX8573/MAX8575 have a preset 15V output. These
step-up converters are ideal for small LCD panels with
low current requirements, but can also be used in other
applications. The MAX8571 evaluation kit is available to
help reduce design time.
Applications
LCD Bias Generators
Polymer LEDs (OLED)
Cellular or Cordless Phones
Palmtop Computers
Personal Digital Assistants (PDAs)
Organizers
Handy Terminals
Features
o 15V or Adjustable Output Voltage Up to 28V
o Safety Features Protect Against Output Faults
o 20mA at 20V from a Single Li+ Battery
o True Shutdown
o 87% Efficiency
o Up to 800kHz Switching Frequency
o Small, 6-Pin SOT23 and µDFN (MAX8570 Only)
Packages
High-Efficiency LCD Boost
with True Shutdown
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-3329; Rev 3; 3/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX8570ELT+T
-40
°C to +85°C
6L µDFN
ACW
MAX8570EUT+T
-40
°C to +85°C
6 SOT23
ABTJ
MAX8571EUT+T
-40
°C to +85°C
6 SOT23
ABTK
MAX8572EUT+T
-40
°C to +85°C
6 SOT23
ABTL
MAX8573EUT+T
-40
°C to +85°C
6 SOT23
ABTM
MAX8574EUT+T
-40
°C to +85°C
6 SOT23
ABTN
MAX8575EUT+T
-40
°C to +85°C
6 SOT23
ABTO
GND
LX
1
+
6VCC
5SW
FB
MAX8570
MAX8571
MAX8574
SOT23
TOP VIEW
2
34
SHDN
Pin Configurations
PART
CURRENT LIMIT
OUTPUT VOLTAGE
MAX8570
110mA
Adjustable
MAX8571
250mA
Adjustable
MAX8572
110mA
15V
MAX8573
250mA
15V
MAX8574
500mA
Adjustable
MAX8575
500mA
15V
Selector Guide
True Shutdown is a trademark of Maxim Integrated Products, Inc.
MAX8572
MAX8573
MAX8575
SW
VCC
LX
OUT
GND
ON
OFF
VCC = 2.7V TO 5.5V
VOUT = VCC TO 28V
SHDN
Typical Operating Circuit
+
Denotes a lead(Pb)-free RoHS-compliant package.
T = Tape and reel.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX8570

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570ELT+T MAXIM-MAX8570ELT+T Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570EUT MAXIM-MAX8570EUT Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
More results

Similar Description - MAX8570

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
logo
Texas Instruments
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com