Electronic Components Datasheet Search
  English  ▼

X  

MAX8570 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8570
Description  High-Efficiency LCD Boost with True Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8570 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8570 Datasheet HTML 1Page - Maxim Integrated Products MAX8570 Datasheet HTML 2Page - Maxim Integrated Products MAX8570 Datasheet HTML 3Page - Maxim Integrated Products MAX8570 Datasheet HTML 4Page - Maxim Integrated Products MAX8570 Datasheet HTML 5Page - Maxim Integrated Products MAX8570 Datasheet HTML 6Page - Maxim Integrated Products MAX8570 Datasheet HTML 7Page - Maxim Integrated Products MAX8570 Datasheet HTML 8Page - Maxim Integrated Products MAX8570 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
High-Efficiency LCD Boost
with True Shutdown
_______________________________________________________________________________________
5
PIN
MAX8570
(µDFN)
MAX8570/
MAX8571/
MAX8574
(SOT23)
MAX8572/
MAX8573/
MAX8575
(SOT23)
NAME
FUNCTION
31
—
FB
Feedback for Setting the Output Voltage. Connect FB to the center of a resistor
voltage-divider from the output to GND to set positive output voltages.
—
—
1
OUT
Output. The output voltage is preset to 15V. Connect a 1µF ceramic capacitor
from OUT to GND. In shutdown, OUT is pulled to GND by an internal 7.5M
Ω
resistor.
2
2
2
GND
Ground
13
3
SHDN
Shutdown Input. A logic-low at SHDN places the part in low-power shutdown
mode. Pull SHDN high or connect to VCC for normal operation.
6
4
4
LX
Inductor Switching Connection
55
5
SW
Isolation Switch Output. Internally connected to the drain of a p-channel
MOSFET used to isolate the output from the input during shutdown. Connect a
4.7µF ceramic capacitor from SW to GND. If true shutdown is not required, SW
can be left open with the input supply connected directly to the inductor.
46
6
VCC
Input Voltage Supply. Connect a 2.7V to 5.5V input supply to VCC. Connect a
1µF ceramic capacitor from VCC to GND.
Pin Description
LOAD TRANSIENT
MAX8570/71/73/74/75 toc15
100
µs/div
VOUT
IOUT
100mV/div
(AC-COUPLED)
5mA/div
0
STARTUP AND SHUTDOWN WAVEFORMS
MAX8570/71/73/74/75 toc16
400
µs/div
VOUT
ILX
5V/div
10V/div
200mA/div
1.8
Ω LOAD
0
0
VSHDN
BOOST SOFT-START
SW TURN-ON
Typical Operating Characteristics (continued)
(MAX8571, VCC = 3.6V, VOUT = 18V, Circuit of Figure 2, TA = +25
°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com