Electronic Components Datasheet Search
  English  ▼

X  

ADS5400IPZPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5400IPZPR Datasheet HTML 19Page - Texas Instruments ADS5400IPZPR Datasheet HTML 20Page - Texas Instruments ADS5400IPZPR Datasheet HTML 21Page - Texas Instruments ADS5400IPZPR Datasheet HTML 22Page - Texas Instruments ADS5400IPZPR Datasheet HTML 23Page - Texas Instruments ADS5400IPZPR Datasheet HTML 24Page - Texas Instruments ADS5400IPZPR Datasheet HTML 25Page - Texas Instruments ADS5400IPZPR Datasheet HTML 26Page - Texas Instruments ADS5400IPZPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
Table 13. Serial Register 0x08 (Read only)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x08
Die temperature bits<7:0>
Defaults
depends on reading from temperature sensor
BIT <7:0>
Die temperature readout
if enabled in register 0x05. To obtain the die temperature in Celsius,
convert the 8-bit word to decimal and subtract 78.
<7:0> = 0x00 = 00000000, measured temperature is 0-78 = -78°C
<7:0> = 0x73 = 01110011, measured temperature is 115 - 78 = 37°C
<7:0> = 0xAF, measured temperature is 175 - 78 = 97°C
Table 14. Serial Register 0x09 (Read only)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x09
000 0000
Memory error
Defaults
000 0000
0
BIT <7:1>
RESERVED
set to 0 if writing this register
do not set to 1
BIT <0>
Memory Error Indicator
Registers 0x00 through 0x07 have multiple redundancy. If any copy
disagrees with the others, an error is flagged in this bit. This is for
systems that require the highest level of assurance that the device
remains programmed in the proper state and indication of an error if
something changes unexpectedly.
Table 15. Serial Register 0x0A (Read only)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x0A
0000 0000
Defaults
0000 0000
BIT <7:0>
RESERVED
set to 0 if writing this register
do not set to 1
Copyright © 2009–2010, Texas Instruments Incorporated
23
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com