Electronic Components Datasheet Search
  English  ▼

X  

ADS5400IPZPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5400IPZPR Datasheet HTML 21Page - Texas Instruments ADS5400IPZPR Datasheet HTML 22Page - Texas Instruments ADS5400IPZPR Datasheet HTML 23Page - Texas Instruments ADS5400IPZPR Datasheet HTML 24Page - Texas Instruments ADS5400IPZPR Datasheet HTML 25Page - Texas Instruments ADS5400IPZPR Datasheet HTML 26Page - Texas Instruments ADS5400IPZPR Datasheet HTML 27Page - Texas Instruments ADS5400IPZPR Datasheet HTML 28Page - Texas Instruments ADS5400IPZPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G001
ENOB = 9.45 Bits
SFDR = 75.4 dBc
SINAD = 58.7 dBFS
SNR = 58.8 dBFS
THD = 72.5 dBc
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G002
ENOB = 9.31 Bits
SFDR = 71.5 dBc
SINAD = 57.8 dBFS
SNR = 58.04 dBFS
THD = 69.8 dBc
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G003
ENOB = 9.01 Bits
SFDR = 63.5 dBc
SINAD = 56 dBFS
SNR = 57.1 dBFS
THD = 61.7 dBc
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G004
ENOB = 8.6 Bits
SFDR = 56.3 dBc
SINAD = 53.6 dBFS
SNR = 56.4 dBFS
THD = 55.8 dBc
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 250-MHz INPUT SIGNAL
FFT FOR 0.9-GHz INPUT SIGNAL
Figure 8.
Figure 9.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 1.3-GHz INPUT SIGNAL
FFT FOR 1.7-GHz INPUT SIGNAL
Figure 10.
Figure 11.
Copyright © 2009–2010, Texas Instruments Incorporated
25
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com