Electronic Components Datasheet Search
  English  ▼

X  

TPS92002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92002
Description  GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92002 Datasheet(HTML) 4 Page - Texas Instruments

  TPS92002 Datasheet HTML 1Page - Texas Instruments TPS92002 Datasheet HTML 2Page - Texas Instruments TPS92002 Datasheet HTML 3Page - Texas Instruments TPS92002 Datasheet HTML 4Page - Texas Instruments TPS92002 Datasheet HTML 5Page - Texas Instruments TPS92002 Datasheet HTML 6Page - Texas Instruments TPS92002 Datasheet HTML 7Page - Texas Instruments TPS92002 Datasheet HTML 8Page - Texas Instruments TPS92002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3
4
8
7
6
5
1 V
VDD
GD
GND
RTD
TPS92001/2
UDG-10004
1
2
CS
SS
RTC
+
+
REF
1 V
+
6 mA
0.5 V
+ 5 V
+
5 V
REF
OSC
S
Q
R
PWM Latch
15/8 V
10/8 V
CLK
17.5 V
TPS92001, TPS92002
SLUSA24 – FEBRUARY 2010
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS92001 TPS92002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com