Electronic Components Datasheet Search
  English  ▼

X  

TPS92002 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92002
Description  GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92002 Datasheet(HTML) 1 Page - Texas Instruments

  TPS92002 Datasheet HTML 1Page - Texas Instruments TPS92002 Datasheet HTML 2Page - Texas Instruments TPS92002 Datasheet HTML 3Page - Texas Instruments TPS92002 Datasheet HTML 4Page - Texas Instruments TPS92002 Datasheet HTML 5Page - Texas Instruments TPS92002 Datasheet HTML 6Page - Texas Instruments TPS92002 Datasheet HTML 7Page - Texas Instruments TPS92002 Datasheet HTML 8Page - Texas Instruments TPS92002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
4
8
7
6
5
REF
VDD
GD
GND
CS
SS
RTC
RTD
TPS92001/2
Linear
Regulator
UDG-10003
TRIAC
Dimming
Control
EMI
Filter
TPS92001, TPS92002
www.ti.com
SLUSA24 – FEBRUARY 2010
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
Check for Samples: TPS92001, TPS92002
1
FEATURES
DESCRIPTION
•
Ideal for Single Stage Designs
The TPS92001/2 family of general LED lighting PWM
controllers
contains
control
and
drive
circuitry
•
Supports Isolated and Non-Isolated
required for off-line isolated or non-isolated LED
Topologies
lighting applications.
•
Phase-Cut TRIAC Dimmable
The controllers can support Phase Cut TRIAC
•
Few External Components Mode Operation
dimming with minimal external components. The
•
Wide Duty Cycle Range for Wide-Input Voltage
controllers can also be implemented for stage
or Dimming Range
conversion where the power factor (PF) exceeds
•
Convenient 5-V Reference Output
regulatory requirements for lighting. These controllers
also have an accessible 5-V reference that could be
•
Undervoltage Lockout for Safe Operation
used to power a microcontroller or other low power
•
Operation to 1-MHz
peripheral components. The controllers operate in
•
0.4-A Source/0.8-A Sink FET Driver
fixed frequency current mode switching with minimal
external parts count. Internally implemented circuits
•
Low 100-µA Startup Current
include undervoltage lockout featuring startup current
less than 100 µA, logic to ensure latched operation, a
APPLICATIONS
PWM comparator, and a totem pole output stage to
•
Residential LED Lighting Drivers for A19
sink or source peak current. The output stage,
E12/E26/27, GU10, MR16, PAR30/38 Integral
suitable for driving N-Channel MOSFETs, is low in
Lamps
the off state. Oscillator frequency and maximum duty
•
Drivers for Wall Sconces, Pathway Lighting
cycle are programmed with two resistors and a
and Overhead Lighting
capacitor.
•
Drivers for Wall Washing, Architectural and
The TPS92001/2 family also features full cycle soft
Display Lighting
start.
The
family
offers
UVLO
thresholds
and
hysteresis levels for off-line and DC-to-DC systems.
DEVICE
TURN-ON
TURN-OFF
The TPS92001/2 is offered in the 8-pin MSOP (DGK)
NUMBER
THRESHOLD (V)
THRESHOLD (V)
and 8-pin SOIC (D) packages. The small MSOP
TPS92001
10
package
makes
the
device
ideally
suited
for
8
TPS92002
15
applications where board space and height are at a
premium
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS92002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92002 TI2-TPS92002 Datasheet
1Mb / 23P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
REVISED NOVEMBER 2010
TPS92002D TI2-TPS92002D Datasheet
1Mb / 23P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
REVISED NOVEMBER 2010
TPS92002D.A TI2-TPS92002D.A Datasheet
1Mb / 23P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
REVISED NOVEMBER 2010
TPS92002DR TI2-TPS92002DR Datasheet
1Mb / 23P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
REVISED NOVEMBER 2010
TPS92002DR.A TI2-TPS92002DR.A Datasheet
1Mb / 23P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
REVISED NOVEMBER 2010
More results

Similar Description - TPS92002

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
logo
Texas Instruments
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
LED Lighting Power Controller
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com