Electronic Components Datasheet Search
  English  ▼

X  

BA7653AFV Datasheet(PDF) 7 Page - Rohm

Part # BA7653AFV
Description  Single Circuit Video Signal Switcher
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7653AFV Datasheet(HTML) 7 Page - Rohm

Back Button BA7653AFV Datasheet HTML 2Page - Rohm BA7653AFV Datasheet HTML 3Page - Rohm BA7653AFV Datasheet HTML 4Page - Rohm BA7653AFV Datasheet HTML 5Page - Rohm BA7653AFV Datasheet HTML 6Page - Rohm BA7653AFV Datasheet HTML 7Page - Rohm BA7653AFV Datasheet HTML 8Page - Rohm BA7653AFV Datasheet HTML 9Page - Rohm BA7653AFV Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/8
9.
An input clamp capacitor will cause delay in operation at power on. Therefore, it is recommended to use a clamp
capacitor no larger than 0.1 F ( A 0.01F (FZ) ceramic capacitor is recommended).
10. CTL pin is in indeterminate status when left Open. Set it at “H” or “L” level.
11. For superimposed, a 1.7v DC voltage should be applied directly to an input pin.
Application circuit 2/2
BA7653AF/53AFV/52AF
Cautions on use
1.
Numbers and data in entries are representative design values and are not guaranteed values of the items.
2.
Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure to
verify circuit characteristics for your particular application. Modification of constants for other externally connected circuits
may cause variations in both static and transient characteristics for external components as well as this Rohm IC. Allow
for sufficient margins when determining circuit constants.
3.
Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range
(Topr), may result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open
mode) when such damage is suffered. A physical safety measure, such as a fuse, should be implemented when using
the IC at times where the absolute maximum ratings may be exceeded.
4.
GND potential
Ensure a minimum GND pin potential in all operating conditions. Make sure that no pins are at a voltage below the
GND at any time, regardless of whether it is a transient signal or not.
5.
Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the permissible dissipation (Pd)
in actual states of use.
6.
Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
7.
Operation in strong electromagnetic field
Using the ICs in a strong electromagnetic field can cause operation malfunction.
8.
For clamp operation stability
Set the output impedance of the stage before a BA7653AF/53AFV/52AF input pin no more than 1 kŸ.
9.
An input clamp capacitor will cause delay in operation at power on. Therefore, it is recommended to use a clamp
capacitor no larger than 0.1 F ( A 0.01F (FZ) ceramic capacitor is recommended).
Fig.7
Fig.6
BA7653AF/53AFV/52AF
When superimpossion is used
DC1.7V
or
DC1.7V or more
BA7653AF/53AFV/52AF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com