Electronic Components Datasheet Search
  English  ▼

X  

BA7653AFV Datasheet(PDF) 1 Page - Rohm

Part # BA7653AFV
Description  Single Circuit Video Signal Switcher
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7653AFV Datasheet(HTML) 1 Page - Rohm

  BA7653AFV Datasheet HTML 1Page - Rohm BA7653AFV Datasheet HTML 2Page - Rohm BA7653AFV Datasheet HTML 3Page - Rohm BA7653AFV Datasheet HTML 4Page - Rohm BA7653AFV Datasheet HTML 5Page - Rohm BA7653AFV Datasheet HTML 6Page - Rohm BA7653AFV Datasheet HTML 7Page - Rohm BA7653AFV Datasheet HTML 8Page - Rohm BA7653AFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TECHNICAL NOTE
High-performance Video Signal Switchers
Single Circuit
Video Signal Switcher
BA7654F, BA7653AF/AFV ,BA7652AF
Description
The BA7654F, BA7653AF/AFV, or BA7652AF is a video signal (display signal) switch containing one 2-input or 3-input
circuit.
Each of the input pin formats is “sync-tip clamp input” that matches the synchronous tips of video signals (display signals) to
the same potential. The inputs have an high input impedance configuration, in which they can utilize a small clamp capacitor
(0.01 F (FZ) ceramic capacitor is recommended).
Features
1)
Low value clamp capacitance can be used (Min. 3000 pF
Recommended 0.01
F (FZ) ceramic capacitor)
2)
Low voltage operation is possible
(Operating range 4.0
7.0V)
3)
Superimposed can be applied since switching speed of SW is fast and there is little switching noise
(Typ. 70ns)
4)
Low power consumption
(Typ. 25mW when Vcc=5V)
5)
Large dynamic range
(Typ. 3.1VP-P when Vcc=5V)
6)
Good frequency characteristics
(Typ. 10 MHz 0 dB)
7)
Low interchannel crosstalk
(Typ. –70 dB)
8)
Voltage can be applied to the CTL pin without a VCC voltage.
9)
Built-in mute function
(BA7652AF)
Applications
VCR, TV, and other applications that use display signals.
Product lineup
Part No.
Input type
Mute
Supply voltage(V)
BA7654F
2 in 1 Circuit
4.0
7.0
BA7653AF/AFV
3 in 1 Circuit
BA7652AF
3 in 1 Circuit
Aug.2008


Similar Part No. - BA7653AFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
Single Circuit Video Signal Switchers
More results

Similar Description - BA7653AFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com