Electronic Components Datasheet Search
  English  ▼

X  

BA3404F Datasheet(PDF) 2 Page - Rohm

Part # BA3404F
Description  Operational Amplifiers: Ground Sense
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3404F Datasheet(HTML) 2 Page - Rohm

  BA3404F Datasheet HTML 1Page - Rohm BA3404F Datasheet HTML 2Page - Rohm BA3404F Datasheet HTML 3Page - Rohm BA3404F Datasheet HTML 4Page - Rohm BA3404F Datasheet HTML 5Page - Rohm BA3404F Datasheet HTML 6Page - Rohm BA3404F Datasheet HTML 7Page - Rohm BA3404F Datasheet HTML 8Page - Rohm BA3404F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Technical Note
BA10358F/FV,BA10324AF/FV,BA2904SF/FV/FVM,BA2904F/FV/FVM,BA2904HFVM-C,
BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM
2/24
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings (Ta=25[℃])
○
BA10358 family,BA10324A family
Parameter
Symbol
Rating
Unit
BA10358 family
BA10324A family
Supply Voltage
VCC-VEE
+32
V
Differential Input Voltage
(*1)
Vid
VCC-VEE
V
Input Common-mode Voltage Range
Vicm
VEE~VCC
V
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+125
℃
Maximum Junction Temperature
Tjmax
+125
℃
Note bsolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●
Electric Characteristics
○
BA10358 family,BA10324A family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BA10358 family
BA10324A family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage
Vio
25℃
-
2
7
-
2
7
mV
RS=50[Ω]
Input Offset Current
Iio
25℃
-
5
50
-
5
50
nA
-
Input Bias Current (*2)
Ib
25℃
-
45
250
-
20
250
nA
-
Supply Current
ICC
25℃
-
0.7
1.2
-
0.6
2
mA
RL=∞, All Op-Amps
High LevelOutput Voltage
VOH
25℃
-
-
-
VCC-1.5
-
-
V
RL=2[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
-
-
-
250
mV
RL=2[kΩ]
Large Signal Voltage Gain
AV
25℃
25
100
-
25
100
-
V/mV RL≧2[kΩ],VCC=15[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
0
-
VCC-1.5
V
-
Common-mode Rejection Ratio
CMRR
25℃
65
80
-
65
75
-
dB
-
Power Supply
Rejection Ratio
PSRR
25℃
65
100
-
65
100
-
dB
RS=50[Ω]
Output SourceCurrent
IOH
25℃
10
20
-
20
35
-
mA
VIN+=1[V],VIN-=0[V],VOUT=0[V]
Output SinkCurrent
IOL
25℃
10
20
-
10
20
-
mA
VIN+=0[V],VIN-=1[V],VOUT=VCC
Output Voltage Range
Vo
25℃
0
-
VCC-1.5
-
-
-
V
RL=2[kΩ]
Channel Separation
CS
25℃
-
120
-
-
120
-
dB
f=1[kHz], input referred
(*2)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com