Electronic Components Datasheet Search
  English  ▼

X  

LM393 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # LM393
Description  Dual Differential Comparators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM393 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  LM393 Datasheet HTML 1Page - Wing Shing Computer Components LM393 Datasheet HTML 2Page - Wing Shing Computer Components LM393 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIN
TYP MAX
UNIT
Vcc = 5V to 30V
25
oC
25
VIC = VICR min,
Vo =1.4V
25
oC
550
Full range
150
25
oC
-25 -250
Full range
-400
25
oC
Vcc = 15V
Vo =1.4Vto 11.4V
RL 15k
to Vcc
VOH=5V,VID=1V 25
oC
0.1 50
nA
High-level output current
VOH=30V,VID=1V Full range
1
u A
25
oC
150 400
Low-level output voltage
Full range
700
IOL
Icc
RL=
Vcc=5V 25
oC
0.8 1
Supply current
Vcc=30V Full range
2.5
*Full range(MIN to MAX),for the LM393 is 0
to 70
.All characteristics are measured with
zero common-mode input voltage unless otherwise speified.
**The voltage at either input or common-mode should not be go negative by more than 0.3V.The upper
end of the common-mode voltage range is Vcc+-1.5V,but either or both inputs can go to 30V without damage
switching characteristics ,Vcc=5V,TA=25
PARAMETER
MIN TYP
MAX
UNIT
RL connected to 5V
100mV input step with
1.3
us
through 5.1K
5-m V overdrive
CL=15pF see Note1
TTL-level input step
0.3
* CL includes probe and jig capacitance
NOTE1: The response time specified is the interval between the input step function and the instant when
the output crosses 1.4V.
electrical characteristics at specified free-air temperature, Vcc = 4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
V10 input offset voltage
mV
Full range
9
IIO
Vo =1.4V
nA
input offset current
IIB
Vo =1.4V
nA
input bias current
V1CR
0 to Vcc-1.5
V
Common-mode input voltage
Full range 0 to Vcc-2.0
range**
V/m V
Large-signal differential
voltage amplication
AVD
25
oC
50
200
IOH
VOL
IOL=4mA,VID=1V
mV
TEST CONDITIONS
Response time
m A
Low-level output current
m A
VOL=1.5V,VID=1V 25
oC
6
2
LM393



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com