Electronic Components Datasheet Search
  English  ▼

X  

LM393 Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # LM393
Description  Dual Differential Comparators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM393 Datasheet(HTML) 3 Page - Wing Shing Computer Components

  LM393 Datasheet HTML 1Page - Wing Shing Computer Components LM393 Datasheet HTML 2Page - Wing Shing Computer Components LM393 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
32
1
120
48
7
56
2
Pad N
3
4
1
VCC
.
1074
530
8
#2
OUT
1074
148
7
#2
IN-
646
100
6
#2
IN+
240
100
5
GND
100
534
#1
IN+
240
967
919
#1
IN-
646
967
#1
OUT
1074
Chip size 1.3mm x 1.2mm
Coordinates mkm
XY
Pad Name
PAD LOCATION
3
LM393
SO-8
LM393M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com