Electronic Components Datasheet Search
  English  ▼

X  

ARF475FL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF475FL
Description  RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF475FL Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF475FL Datasheet HTML 1Page - Microsemi Corporation ARF475FL Datasheet HTML 2Page - Microsemi Corporation ARF475FL Datasheet HTML 3Page - Microsemi Corporation ARF475FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS (each device)
Symbol
BV
DSS
V
DS(ON)
I
DSS
I
GSS
g
fs
g
fs1
/
g
fs2
V
GS(TH)
∆V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250 µA)
On State Drain Voltage 1 (I
D(ON)
= 5A, V
GS
= 10V)
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 50V, V
GS
= 0, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Forward Transconductance (V
DS
= 15V, I
D
= 5A)
Forward Transconductance Match Ratio (V
DS
= 15V, I
D
= 5A)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 200mA)
Gate Threshold Voltage Match (V
DS
= V
GS
, I
D
= 200mA)
MIN
TYP
MAX
500
2.9
4
100
500
±100
3
3.6
0.9
1.1
2
3.3
4
0.2
UNIT
Volts
µA
nA
mhos
Volts
Symbol
V
DSS
V
DGO
I
D
V
GS
P
D
T
J
,T
STG
T
L
Parameter
Drain-Source Voltage
Drain-Gate Voltage
Continuous Drain Current @ T
C
= 25°C
(each device)
Gate-Source Voltage
Total Device Dissipation @ T
C
= 25°C
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF475FL
500
500
10
±30
910
-55 to 175
300
UNIT
Volts
Amps
Volts
Watts
°C
RF POWER MOSFET
N - CHANNEL PUSH - PULL PAIR
165V
450W 150MHz
The ARF475FL is a matched pair of RF power transistors in a common source configuration. It is designed for high voltage
push-pull or parallel operation in narrow band ISM and MRI power amplifiers up to 150 MHz.
• Specified 150 Volt, 128 MHz Characteristics:
•
Output Power = 900 Watts Peak
•
Gain = 15dB (Class AB)
•
Efficiency = 50% min
• High Performance Push-Pull RF Package.
• High Voltage Breakdown and Large SOA
for Superior Ruggedness.
• Low Thermal Resistance.
ARF475FL
Common Source
Push-Pull Pair
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
THERMAL CHARACTERISTICS
Symbol
RθJC
RθJHS
Characteristic
Junction to Case
Case to Sink (Use High Efficiency Thermal Grease and Planar Heat Sink Surface.)
MIN
TYP
MAX
0.15
0.165
0.30
0.33
UNIT
°C/W
G
G
D
S
S
S
S
D
Microsemi Website - http://www.microsemi.com
ARF475FL
D
D
GG
S
S
S
S


Similar Part No. - ARF475FL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF475FL MICROSEMI-ARF475FL Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL_10 Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
More results

Similar Description - ARF475FL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF392 MACOM-MRF392 Datasheet
165Kb / 4P
Tthe RF Line NPN Silicon Push-Pull RF Power Transistor
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
The RF Line NPN Silicon Push-Pull RF Power Transistor
logo
Microsemi Corporation
ARF476FL MICROSEMI-ARF476FL Datasheet
189Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF477FL MICROSEMI-ARF477FL Datasheet
159Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
DRF1301 MICROSEMI-DRF1301 Datasheet
176Kb / 4P
MOSFET Push-Pull Hybrid
ARF475FL MICROSEMI-ARF475FL_10 Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF476FL MICROSEMI-ARF476FL_10 Datasheet
156Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF477FL MICROSEMI-ARF477FL_10 Datasheet
151Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
DRF1301 MICROSEMI-DRF1301_11 Datasheet
280Kb / 4P
MOSFET Push-Pull Hybrid
logo
New Jersey Semi-Conduct...
MRF393 NJSEMI-MRF393 Datasheet
93Kb / 2P
NPN Silicon Push-Pull RF Power TVansistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com