Electronic Components Datasheet Search
  English  ▼

X  

ARF475FL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ARF475FL
Description  RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF475FL Datasheet(HTML) 2 Page - Microsemi Corporation

  ARF475FL Datasheet HTML 1Page - Microsemi Corporation ARF475FL Datasheet HTML 2Page - Microsemi Corporation ARF475FL Datasheet HTML 3Page - Microsemi Corporation ARF475FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS (per section)
ARF475FL
Symbol
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
V
GS
= 0V
V
DS
= 50V
f = 1MHz
V
GS
= 15V
V
DD
= 250V
I
D
= I
D[Cont.]
@ 25°C
R
G
= 1.6
Ω
MIN
TYP
MAX
780
830
125
130
79
5.1
10
4.1
8
12
18
4.0
7
UNIT
pF
ns
FUNCTIONAL CHARACTERISTICS (Push-Pull Configuration)
Symbol
G
PS
η
ψ
Test Conditions
f = 128 MHz
Idq = 15mA
V
DD
= 150V
Pout = 900W
PW = 3ms
10% duty cycle
No Degradation in Output Power
Characteristic
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 5:1
MIN
TYP
MAX
14
16
50
55
UNIT
dB
%
1 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%.
Microsemi Reserves the right to change, without notice, the specifications and information contained herein.
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
3000
1000
500
100
50
10
1
.1
1
10
100 200
Ciss
Coss
Crss
Per transistor section unless otherwise specified.
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 1, Typical Output Characteristics
0
5
10
15
20
25
30
9V
7V
8V
12V
10V
11V
30
25
20
15
10
5
0
30
25
20
15
10
5
0
024
6
8
10
VGS,GATE-TO-SOURCEVOLTAGE(VOLTS)
Figure 3, Typical Transfer Characteristics
VDS> ID (ON) x RDS (ON)MAX.
250 µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = -55°C
TJ = -55°C
TJ = +125°C
TJ = +25°C
TC, CASE TEMPERATURE (°C)
Figure 4, Typical Threshold Voltage vs Temperature
1.10
1.05
1.00
0.95
0.90
-50
-25
0
25
50
75
100
125
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com