Electronic Components Datasheet Search
  English  ▼

X  

ARF477FL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ARF477FL
Description  RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF477FL Datasheet(HTML) 4 Page - Microsemi Corporation

  ARF477FL Datasheet HTML 1Page - Microsemi Corporation ARF477FL Datasheet HTML 2Page - Microsemi Corporation ARF477FL Datasheet HTML 3Page - Microsemi Corporation ARF477FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF477FL
1.500
.300
.200
.005
.040
ARF477FL
.175
.175
.325
.325 +/- .010
.570
1.250
.320
.125dia
4 pls
.125R
4 pls
.080
1.000
HAZARDOUS MATERIAL WARNING
The white ceramic portion of the device between leads
and mounting surface is beryllium oxide, BeO. Beryllium
oxide dust is toxic when inhaled. Care must be taken dur-
ing handling and mounting to avoid damage to this area.
These devices must never be thrown away with general
industrial or domestic waste.
Thermal Considerations and Package Mounting:
The rated power dissipation is only available when the package
mounting surface is at 25°C and the junction temperature is 175°C.
The thermal resistance between junctions and case mounting sur-
face is 0.23 °C/W. When installed, an additional thermal impe-
dance of 0.07°C/W between the package base and the mounting
surface is typical. Insure that the mounting surface is smooth and
flat. Thermal joint compound must be used to reduce the effects of
small surface irregularities. Use the minimum amount necessary to
coat the surface. The heatsink should incorporate a copper heat
spreader to obtain best results.
The package design clamps the ceramic base to the heatsink. A
clamped joint maintains the required mounting pressure while al-
lowing for thermal expansion of both the base and the heat sink.
Four 4-40 (M3) screws provide the required mounting force. T = 6
in-lb (0.68 N-m).
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
65MHz Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com