Electronic Components Datasheet Search
  English  ▼

X  

ARF1501 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ARF1501
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF1501 Datasheet(HTML) 4 Page - Microsemi Corporation

  ARF1501 Datasheet HTML 1Page - Microsemi Corporation ARF1501 Datasheet HTML 2Page - Microsemi Corporation ARF1501 Datasheet HTML 3Page - Microsemi Corporation ARF1501 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RF
Input
L3
L1
Output
C7
C8
C9
C10
L4
C4
C5
C12
C6
C1, C7,C8, C11 .1uF 250V ceramic chip
C2, C12 ARCO 465 75-380pF mica trimmer
C3 4700pF ATC700B
C4, C9-C11 8200pF 500V NPO ceramic
C5 - C6 150pF ATC 700B
L1 90 nH 4t #18 0.25"d .25"l
L2 175 nH - 3t #10 .75" dia .75" l
L3 2uH - 22t #24 enam. .312" dia.
L4 500nH 2t on 850u .5" bead
R1-R3 1k
Ω 1/4W
TL1 .112" x 1.2" (50
Ω) Stripline
ARF1501 -- 27.12 MHz Test Circuit
250V
Vbias
C1
C2
C3
C11
R1
R2
R3
L2
TL1
27 MHz Amp
ARF1501
RF 5-02
Parts placement
1:1 pcb artwork
27 MHz Amp
ARF1501
RF 5-02
J1
J2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com