Electronic Components Datasheet Search
  English  ▼

X  

BYI-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # BYI-1
Description  BYISTOR FOR LINEAR POWER AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

BYI-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  BYI-1 Datasheet HTML 1Page - Microsemi Corporation BYI-1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYI datasheet Rev A
Microsemi reserves the right to change, without notice, the specifications and information contained
herein. Visit our web site at www.microsemi.com or contact our factory direct.
GENERAL DESCRIPTION
The BYI-1 is a semiconductor device specifically designed for use in linear
amplifier bias circuitry. The byistor acts as a low impedance D.C. bias source
which has two modes for thermal compensation.
CASE OUTLINE
BYI – 1
55FT
FEATURES
•
The package can be physically attached to the same heatsink used for the
RF Power Transistors
•
Contains a diode fabricated like an RF Power Transistor (same material,
geometry and diffusion) which provides one mode of thermal tracking
•
Contains a silicon resistor which provides a second mode of thermal
tracking
•
Fabricated and assembled with the same consistency and precision used
in building RF Power Transistors.
BYISTOR SPECIFICATIONS
Maximum Injector Current I j = 500 mA
Vir = 0.85 +/- 0.03 ( Ij = 350 mA, Is = 0, Tc = 25
oC)
Resistor = 0.70 +/- 0.12
Ω, (T
c = 25
oC)
Maximum Temperatures
Storage Temperature
- 65 to +150
oC
Operating Junction Temperature
+150
oC
BYISTOR – A DEVICE FOR LINEAR AMPLIFIER BIAS NETWORKS
An essential part of any linear solid state amplifier is the D.C. Bias circuitry. The bias circuitry for class AB must meet all
of the following basic requirements:
•
Provide voltage/current capability compatible with the static (zero RF drive) collector current requirements of the
amplifier
•
Provide a low impedance voltage source with sufficient current capability to counter the negative rectification
effect of the RF drive on the base of the transistor
•
Compensate for the drop in the Vbe of the transistor as a function of increasing temperature (thermal tracking) to
eliminate the possibility of D.C. thermal runaway of the amplifier
Microsemi Corp. is delivering a semiconductor device called a BYISTOR, to be used as the key element in a transistor
bias network. The advantages of using a BYISTOR are the excellent temperature tracking for D.C. stability and the
significantly simplified bias circuit. Furthermore, supplemental emitter resistance is not needed to insure D.C. stability.
Jan 2009
BYI-1
BYISTOR FOR LINEAR
POWER AMPLIFIERS
Reference
Injector
Supplier


Similar Part No. - BYI-1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
BYI-1 ADPOW-BYI-1 Datasheet
174Kb / 1P
BYISTORS FOR LINEAR POWER AMPLIFIERS
BYI-1F ADPOW-BYI-1F Datasheet
174Kb / 1P
BYISTORS FOR LINEAR POWER AMPLIFIERS
BYI-1T ADPOW-BYI-1T Datasheet
174Kb / 1P
BYISTORS FOR LINEAR POWER AMPLIFIERS
BYI-1Z ADPOW-BYI-1Z Datasheet
174Kb / 1P
BYISTORS FOR LINEAR POWER AMPLIFIERS
More results

Similar Description - BYI-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA2820 MOTOROLA-CA2820 Datasheet
95Kb / 3P
Wideband Linear Amplifiers
logo
Siemens Semiconductor G...
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2267 MAXIM-MAX2267 Datasheet
186Kb / 16P
2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1567; Rev 0; 1/00
MAX2840-MAX2841 MAXIM-MAX2840-MAX2841 Datasheet
750Kb / 9P
5GHz Linear Power Amplifiers
Rev 2; 8/03
logo
Advanced Power Technolo...
BYI-1 ADPOW-BYI-1 Datasheet
174Kb / 1P
BYISTORS FOR LINEAR POWER AMPLIFIERS
logo
NXP Semiconductors
4641 NXP-4641 Datasheet
383Kb / 2P
TRIODE FOR POWER AMPLIFIERS
logo
Stealth Microwave, Inc.
SM1727-37 STEALTH_MICROWAVE-SM1727-37 Datasheet
82Kb / 2P
1700-2700 MHz 5 Watt Linear Power Amplifiers
logo
NXP Semiconductors
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
Wideband Linear Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com