Electronic Components Datasheet Search
  English  ▼

X  

DRF1301 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # DRF1301
Description  MOSFET Push-Pull Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1301 Datasheet(HTML) 4 Page - Microsemi Corporation

  DRF1301 Datasheet HTML 1Page - Microsemi Corporation DRF1301 Datasheet HTML 2Page - Microsemi Corporation DRF1301 Datasheet HTML 3Page - Microsemi Corporation DRF1301 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 4, DRF1301 Mechanical Outline
All dimensions are ± .005
DRF1301
Pin Assignments
Pin 1
Ground
Pin 2
U1 +Vdd
Pin 3
U1 FN
Pin 4
U1 IN
Pin 5
U1 SG
Pin 6
U1 +Vdd
Pin 7
Ground
Pin 8
U2 +Vdd
Pin 9
U2 FN
Pin 10
U2 IN
Pin 11
U2 SG
Pin 12
U2 +Vdd
Pin 13
Ground
Pin 14
Source
Pin 15
U2 Drain
Pin 16
Source
Pin 17
U1 Drain
Pin 18
Source
R0.150
4 PLCS
Ø0.125
4 PLCS
0.750
0.250
0.250
2.000
0.125
0.125
0.300
0.040
1.000
0.300
.005" TYP. HALF HARD
COPPER GOLD PLATED
0.263
GAPS - 0.080" , 2 PLCS
GAPS - 0.090" , 2 PLCS
MEDIUM LEADS - 0.175", 3 PLCS
LARGE LEADS - 0.300", 2 PLCS
LARGE LEADS - 0.135", 3 PLCS
0.268
GAPS - .0400", 4 PLCS
GAPS - .0300", 8 PLCS
1
2
3
4
5
6
7
8
9 10 11 12
13
18
17
16
15
14
DRF1300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com