Electronic Components Datasheet Search
  English  ▼

X  

GG72420 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GG72420
Description  ABSORPTIVE SPDT SWITCH with TTL Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72420 Datasheet(HTML) 1 Page - Microsemi Corporation

  GG72420 Datasheet HTML 1Page - Microsemi Corporation GG72420 Datasheet HTML 2Page - Microsemi Corporation GG72420 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GG72420
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
ABSORPTIVE SPDT SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
IMPORTANT: For the most current data, consult MICROSEMI’s website:
www.MICROSEMI.com
These devices are ESD sensitive and must be handled use using ESD precautions.
DESCRIPTION
Microsemi – Lowell’s switch modules provide an economical way of
achieving a switch function from UHF through Ku band. These switch
modules provide broadband, high performance characteristics in a
small package. Our catalog parts are basic examples of our
capability. We will be glad to explore your specific requirements with
the goal of providing custom parts for your needs.
This series of modules meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 Coaxial Assembly
 Broadband (0.5 – 18 GHz)
KEY FEATURES
Multi Octave Frequency
Ranges
Hermetically Sealed
Coaxial Connections
Consistent VSWR
Internal TTL Driver
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +95
ºC
RF CW Power Handling
PCW
0.5
W


Similar Part No. - GG72420

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72430 MICROSEMI-GG72430 Datasheet
93Kb / 2P
REFLECTIVE SPDT SWITCH with TTL Driver
GG72430-01 MICROSEMI-GG72430-01 Datasheet
93Kb / 2P
REFLECTIVE SPDT SWITCH with TTL Driver
GG72430-02 MICROSEMI-GG72430-02 Datasheet
93Kb / 2P
REFLECTIVE SPDT SWITCH with TTL Driver
GG72430-03 MICROSEMI-GG72430-03 Datasheet
93Kb / 2P
REFLECTIVE SPDT SWITCH with TTL Driver
GG72430-04 MICROSEMI-GG72430-04 Datasheet
93Kb / 2P
REFLECTIVE SPDT SWITCH with TTL Driver
More results

Similar Description - GG72420

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-SW1000 HONEYWELL-HRF-SW1000 Datasheet
65Kb / 6P
SPDT Absorptive RF Switch
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
SPDT Absorptive RF Switch
logo
Microsemi Corporation
GG71220 MICROSEMI-GG71220 Datasheet
97Kb / 3P
ABSORPTIVE SPST SWITCH MODULES with TTL Driver
GG71420 MICROSEMI-GG71420 Datasheet
85Kb / 2P
ABSORPTIVE SPST SWITCH with TTL Driver
GG72220 MICROSEMI-GG72220 Datasheet
86Kb / 2P
ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG72430 MICROSEMI-GG72430 Datasheet
93Kb / 2P
REFLECTIVE SPDT SWITCH with TTL Driver
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
202Kb / 5P
GaAs SPDT Switch, Absorptive
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
145Kb / 4P
GaAs SPDT Absorptive Switch
MASW-007075 MA-COM-MASW-007075_15 Datasheet
637Kb / 5P
GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com