Electronic Components Datasheet Search
  English  ▼

X  

GG72420 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GG72420
Description  ABSORPTIVE SPDT SWITCH with TTL Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72420 Datasheet(HTML) 2 Page - Microsemi Corporation

  GG72420 Datasheet HTML 1Page - Microsemi Corporation GG72420 Datasheet HTML 2Page - Microsemi Corporation GG72420 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GG72420
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
ABSORPTIVE SPDT SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
GUARANTEED ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Frequency
Range
Ins. Loss
1 (dB)
(Max)
Isolation
3(dB)
(Min)
VSWR
(Max)
TS (uS)
(Max)
GG72420-01
0.5 - 4.0
1.7
60
1.5:1
1.0
GG72420-02
2.0 - 8.0
2.1
55
1.7:1
1.0
GG72420-03
4.0 - 12.4
2.4
50
1.8:1
1.0
GG72420-04
8.0 - 18.0
2.9
45
1.9:1
1.0
GG72420-05
2.0 - 18.0
2.9
45
2.0:1
1.0
Notes:
1. RF Power Handling; 0.5W CW
2. Switching Speed: 1.0µsec (max).
3. Internal Load Rating 100mW (max).
4. Switching Speed is measured from the 50% point of the TTL pulse to the 90/10% point of the RF pulse at a 100kHz maximum switching
rate.
5. Required D.C. Bias: +5v @ 75mA (max) and -8 to -15v @ 50 mA (max).
6. Temperature Rating: Operating, -55 to +95°C; Storage, -55 to +125°C.
7. Only J2 and J3 are matched in the isolated state. J1 is matched only when one path is in the loss state.
ENVIRONMENTAL
These units are designed to withstand the following
environmental conditions without damage.
ENVRONMENTAL CONDITIONS
TEST
MIL-PRF METHOD CONDITION
Internal Visual
883
2017
- -
Stabilization Bake
883
1008
B
Thermal Cycle
883
1010
B
Constant
Acceleration
883
2001
1
(Y1 Axis)
Burn In
883
1015
105 ºC
Humidity
202
103B
B
External Visual
883
2009
- -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com