Electronic Components Datasheet Search
  English  ▼

X  

ADP2301 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2301
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2301 Datasheet HTML 13Page - Analog Devices ADP2301 Datasheet HTML 14Page - Analog Devices ADP2301 Datasheet HTML 15Page - Analog Devices ADP2301 Datasheet HTML 16Page - Analog Devices ADP2301 Datasheet HTML 17Page - Analog Devices ADP2301 Datasheet HTML 18Page - Analog Devices ADP2301 Datasheet HTML 19Page - Analog Devices ADP2301 Datasheet HTML 20Page - Analog Devices ADP2301 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 17 of 28
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
1
10
100
1k
LOAD CURRENT (mA)
FOR STARTUP
FOR RUNNING
VOUT = 3.3V
fSW = 1.4MHz
Figure 43. Minimum Input Voltage vs. Load Current
Based on three conversion limitations (the minimum on time,
the minimum off time, and the bootstrap dropout
voltage), Figure 44 shows the voltage conversion limitations.
22
17
VOUT (V)
12
7
2
2
4
6
8
10
12
14
16
0
MAXIMUM INPUT FOR ADP2300
MAXIMUM INPUT FOR ADP2301
MINIMUM INPUT FOR ADP2300/ADP2301
Figure 44. Voltage Conversion Limitations
LOW INPUT VOLTAGE CONSIDERATIONS
For low input voltage between 3 V and 5 V, the internal boot
regulator cannot provide enough 5.0 V bootstrap voltage due to
the internal dropout voltage. As a result, the increased MOSFET
RDS(ON) reduces the available load current. To prevent this, add
an external small-signal Schottky diode from a 5.0 V external
bootstrap bias voltage. Because the absolute maximum rating
between the BST and SW pins is 6.0 V, the bias voltage should
be less than 5.5 V. Figure 45 shows the application diagram for
the external bootstrap circuit.
3V ~ 5V
VIN
BST
SW
FB
EN
ON
OFF
GND
ADP2300/
ADP2301
SCHOTTKY DIODE
5V BIAS
VOLTAGE
Figure 45. External Bootstrap Circuit for Low Input Voltage Application
PROGRAMMING THE PRECISION ENABLE
Generally, the EN pin can be easily tied to the VIN pin so that the
device automatically starts up when the input power is applied.
However, the precision enable feature allows the ADP2300/
ADP2301 to be used as a programmable UVLO by connecting
a resistive voltage divider to VIN, as shown in Figure 46. This
configuration prevents the start-up problems that can occur
when VIN ramps up slowly in soft start with a relatively high
load current.
ADP2300/
ADP2301
VIN
VIN
EN
REN1
REN2
Figure 46. Precision Enable Used as a Programmable UVLO
The precision enable feature also allows the ADP2300/ADP2301 to
be sequenced precisely by using a resistive voltage divider with
another dc-to-dc output supply, as shown in Figure 47.
ADP2300/
ADP2301
EN
REN1
REN2
OTHER DC-TO-DC
OUTPUT
Figure 47. Precision Enable Used as a Sequencing Control
from Another DC-to-DC Output
With a 1.2 μA pull-down current on the EN pin, the equation for
the start-up voltage in Figure 46 and Figure 47 is
V
2
.
1
μA
2
.
1
V
2
.
1
1
2
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
EN
EN
STARTUP
R
R
V
where:
VSTARTUP is the start-up voltage to enable the chip.
REN1 is the resistor from the dc source to EN.
REN2 is the resistor from EN to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com