Electronic Components Datasheet Search
  English  ▼

X  

ADP2301 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2301
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2301 Datasheet HTML 18Page - Analog Devices ADP2301 Datasheet HTML 19Page - Analog Devices ADP2301 Datasheet HTML 20Page - Analog Devices ADP2301 Datasheet HTML 21Page - Analog Devices ADP2301 Datasheet HTML 22Page - Analog Devices ADP2301 Datasheet HTML 23Page - Analog Devices ADP2301 Datasheet HTML 24Page - Analog Devices ADP2301 Datasheet HTML 25Page - Analog Devices ADP2301 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 22 of 28
RESISTIVE VOLTAGE DIVIDER SELECTION
To select the appropriate resistive voltage divider, first calculate the
output feedback resistive voltage divider, and then calculate the
resistive voltage divider for the programmable VIN start-up voltage.
The output feedback resistive voltage divider is
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
2
1
1
V
800
.
0
FB
FB
OUT
R
R
V
For the 3.3 V output voltage, choose RFB1 = 31.6 kΩ and RFB2
= 10.2 kΩ as the feedback resistive voltage divider, according to
the recommended values in Table 11.
The resistive voltage divider for the programmable VIN start-up
voltage is
V
2
.
1
μA
2
.
1
V
2
.
1
1
2
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
EN
EN
STARTUP
R
R
V
If VSTARTUP = 7.8 V, choose REN2 = 10.2 kΩ, and then calculate
REN1, which in this case is 56 kΩ.
VIN = 12V
VIN
BST
SW
FB
EN
GND
ADP2301
(1.4MHz)
R3
56kΩ
1%
R2
10.2kΩ
1%
R1
31.6kΩ
1%
C2
22µF
6.3V
D1
B230A
C3
0.1µF
6.3V
L1
4.7µH
2.0A
VOUT = 3.3V
1.2A
R4
10.2kΩ
1%
C1
10µF
25V
Figure 48. Schematic for the Design Example
Table 11. Recommended External Components for Typical Applications at 1.2 A Output Load
Part Number
VIN (V)
VOUT (V)
IOUT (A)
L (μH)
COUT (μF)
RFB1 (kΩ), ±1%
RFB2 (kΩ), ±1%
ADP2300 (700 kHz)
18
3.3
1.2
10
22
31.6
10.2
18
5.0
1.2
15
22
52.3
10
12
1.2
1.2
6.8
2 × 22
4.99
10
12
1.8
1.2
6.8
2 × 22
12.7
10.2
12
2.5
1.2
10
22
21.5
10.2
12
3.3
1.2
10
22
31.6
10.2
12
5.0
1.2
10
22
52.3
10
9
3.3
1.2
10
22
31.6
10.2
9
5.0
1.2
10
22
52.3
10
5
1.8
1.2
4.7
2 × 22
12.7
10.2
5
2.5
1.2
4.7
22
21.5
10.2
ADP2301 (1.4 MHz)
18
3.3
1.2
4.7
22
31.6
10.2
18
5.0
1.2
6.8
10
52.3
10
12
2.5
1.2
4.7
22
21.5
10.2
12
3.3
1.2
4.7
22
31.6
10.2
12
5.0
1.2
4.7
10
52.3
10
9
3.3
1.2
4.7
22
31.6
10.2
9
5.0
1.2
4.7
10
52.3
10
5
1.8
1.2
2.2
2 × 22
12.7
10.2
5
2.5
1.2
2.2
22
21.5
10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com