Electronic Components Datasheet Search
  English  ▼

X  

MO9060 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MO9060
Description  GUNN OSCILLATORS Fixed Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MO9060 Datasheet(HTML) 1 Page - Microsemi Corporation

  MO9060 Datasheet HTML 1Page - Microsemi Corporation MO9060 Datasheet HTML 2Page - Microsemi Corporation MO9060 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MO8651 – MO9205
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GUNN OSCILLATORS
Fixed Frequency
TM
®
Copyright
 2008
Rev: 2009-02-10
Features
●
Low Cost
●
Small Size
●
Low Power Consumption
●
High-Volume Design
●
Pulsed DC Input Voltage Available
Applications
●
Speed Radar
●
Intrusion Alarm Systems
●
Braking Systems
●
Industrial Measurement
●
Level Sensing
Specifications @ 25°C
Description
Microsemi’s waveguide output Gunn oscillators are
an inexpensive and reliable source of microwave
power. The oscillators are designed to suppress
spurious signal and harmonic frequencies. Their
low-power consumption makes them very useful as
local oscillators in microwave receivers.
Part Number
Operating
Frequency
(GHz)
Output
Power
(mW)
Typ. Frequency
Drift/Temperature
(KHz/°C)
Typ. Operating
Voltage
(VDC)
Max.
Operating
Current (mA)
X Band Oscillators
MO86751A
10.525
10 Min.
350
8.5
200
MO86751B
10.525
25 Min.
350
+9.0 to +10.0
500
MO86751C
10.525
50 Min.
350
+9.0 to +10.0
600
MO86751D
10.525
100 Min.
350
+9.0 to +10.0
800
K Band Oscillators
MO9060
24.125
5 Min.
1000
5
100
MO86790
24.15
10–20
555
+3.5 to +6.5
250
MO86791
24.15
40–100
555
+5.0 to +8.0
1000
K Band Oscillators — Pulsed
MO9080
24.125
11–20 Peak
1000
+6.0 to +7.0
300 Peak
Ka Band Oscillators
MO86797
35.5
15–25
1400
+3.0 to +6.0
450
MO9205
35.5
15–30
800
5
400
Other frequencies and power levels available upon request.
Operating temperature is -30°C to +70°C.
MO9080 pulse width= 10 microseconds duty = 50%.


Similar Part No. - MO9060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MO9061 MICROSEMI-MO9061 Datasheet
176Kb / 3P
GUNN TRANSCEIVERS Fixed Frequency
MO9062 MICROSEMI-MO9062 Datasheet
176Kb / 3P
GUNN TRANSCEIVERS Fixed Frequency
MO9062-22 MICROSEMI-MO9062-22 Datasheet
176Kb / 3P
GUNN TRANSCEIVERS Fixed Frequency
More results

Similar Description - MO9060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFX73-2N918 STMICROELECTRONICS-BFX73-2N918 Datasheet
115Kb / 5P
HIGH-FREQUENCY OSCILLATORS AND AMPLIFIERS
Nov 1988
logo
Connor-Winfield Corpora...
HV51-50 CONNOR-WINFIELD-HV51-50 Datasheet
68Kb / 2P
HIGH FREQUENCY VCXO OSCILLATORS
HV61-100 CONNOR-WINFIELD-HV61-100 Datasheet
105Kb / 2P
HIGH FREQUENCY VCXO OSCILLATORS
logo
Microsemi Corporation
MO86728 MICROSEMI-MO86728 Datasheet
176Kb / 3P
GUNN TRANSCEIVERS Fixed Frequency
MO87108 MICROSEMI-MO87108 Datasheet
168Kb / 3P
GUNN OSCILLATORS Voltage Controlled
logo
Mercury United Electron...
HR32 MERCURY-HR32 Datasheet
105Kb / 1P
Clock Oscillators [ Tight Frequency Tolerance ]
HR53 MERCURY-HR53 Datasheet
106Kb / 1P
Clock Oscillators [ Tight Frequency Tolerance ]
HR57 MERCURY-HR57 Datasheet
104Kb / 1P
Clock Oscillators [ Tight Frequency Tolerance ]
logo
Pasternack Enterprises,...
PEWGN1001 PASTERNACK-PEWGN1001 Datasheet
382Kb / 3P
Waveguide Gunn Oscillator, Center Frequency 24.125 GHz, Tuning Range 1,000 MHz
logo
Dynex Semiconductor
AC2001 DYNEX-AC2001 Datasheet
267Kb / 2P
Millimeter Wave gunn Oscillator Module
January 2000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com