Electronic Components Datasheet Search
  English  ▼

X  

MO9060 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MO9060
Description  GUNN OSCILLATORS Fixed Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MO9060 Datasheet(HTML) 2 Page - Microsemi Corporation

  MO9060 Datasheet HTML 1Page - Microsemi Corporation MO9060 Datasheet HTML 2Page - Microsemi Corporation MO9060 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MO8651 – MO9205
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GUNN OSCILLATORS
Fixed Frequency
TM
®
Copyright
 2008
Rev: 2009-02-10
Typical Performance Characteristics
10.56
10.54
10.52
10.50
Frequency
Power Output
20
24.20
24.15
24.10
14
24.05
12
7
Frequency
6
5
4
3
2
1
10.48
10
-30
0
+25
+55
+70
Temperature (ºC)
MO86751 Series Frequency
and Power vs. Temperature
24.00
0
-30
0
+25
+55
+70
Temperature (ºC)
MO9060 Frequency and
Power vs. Temperature
-40
-60
-80
-100
-120
MO86751
MO9060
MO86751-A, B, C, D
4X
 0.172
1.62
1.218
Bias
Solder
Pin
0.15
0.50
R.F. Output
To Mate
With
UG-39/U,
WR 90
Waveguide
-140
-160
1K
10K
100K
200K
Frequency From Carrier (Hz)
MO9060 and MO86751 Series
Typical Phase Noise Performance
1.280
1.62
Dimensions are in inches.
0.30
Max.
0.70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com