Electronic Components Datasheet Search
  English  ▼

X  

MS1076 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS1076
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1076 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS1076 Datasheet HTML 1Page - Microsemi Corporation MS1076 Datasheet HTML 2Page - Microsemi Corporation MS1076 Datasheet HTML 3Page - Microsemi Corporation MS1076 Datasheet HTML 4Page - Microsemi Corporation MS1076 Datasheet HTML 5Page - Microsemi Corporation MS1076 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS1076
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCES
IC = 100 mA
70
---
---
V
BVCEO
IC = 200 mA
35
---
---
V
BVEBO
IE = 20 mA
4.0
---
---
V
ICEO
VCE = 30 V
---
---
5
mA
ICES
VCE = 35 V
---
---
5
mA
HFE
VCE = 5 V,
IC = 7 A
15
---
60
---
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 30 MHz
VCE = 28 V
ICQ = 750 mA
220
---
---
WPEP
GP
f = 30 MHz
VCE = 28 V
ICQ = 750 mA
12
---
---
dB
η
C
f = 30 MHz
VCE = 28 V
ICQ = 750 mA
40
---
---
%
IMD
f = 30 MHz
VCE = 28 V
ICQ = 750 mA
---
---
-30
dBc
COB
f = 1 MHz
VCB = 28 V
---
450
---
pf
Conditions
f1 = 30.000 MHz
f2 = 30.001 MHz
HFE BINNING (marked on lid with appropriate letter):
A = 15-19
D = 27-32
G = 45-50
B = 19-22.5
E = 32-38
H = 50-55
C = 22.5-27
F = 38-45
I = 55-60
IMPEDANCE DATA
FREQ
ZIN
ZCL
30 MHz
1.2 + j0.41
1.25 + j1.92



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com