Electronic Components Datasheet Search
  English  ▼

X  

MS8001 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MS8001
Description  GaAs Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS8001 Datasheet(HTML) 3 Page - Microsemi Corporation

  MS8001 Datasheet HTML 1Page - Microsemi Corporation MS8001 Datasheet HTML 2Page - Microsemi Corporation MS8001 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MS8001 – MS8004
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 3
GaAs Schottky Diodes
TM
®
Copyright
 2008
Rev.: 2009-02-17
GaAs Schottky Diodes (Packaged and Bondable Chips)
Typical Characteristics
20
18
16
0.070
0.065
0.060
14
MS8003
12
10
8
6
MS8001
4
2
0
0.055
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
3
4
5
6
7
8
9
10 11 12 13
0
1
2
3
4
5
6
7
8
9
10
LO Power (dBm)
Noise Figure (dB) @ 24 GHz
(Balanced Mixer)
Reverse Bias Voltage (V)
Junction Capacitance
The quoted noise figure (NF) is a single side band NF measured at LO
power of 6 dBm for a single, and 10 dBm for a balanced mixer with a
30 MHz IF amplifier with a noise figure of 1.5 dB.
100
10
125°C
1
0.1
0.01
25°C
-55°C
0.001
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Forward Voltage (V)
I-V Characteristics for
GaAs Schottky Diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com