Electronic Components Datasheet Search
  English  ▼

X  

MS8001 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS8001
Description  GaAs Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS8001 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS8001 Datasheet HTML 1Page - Microsemi Corporation MS8001 Datasheet HTML 2Page - Microsemi Corporation MS8001 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS8001 – MS8004
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GaAs Schottky Diodes
TM
®
Copyright
 2008
Rev.: 2009-02-17
Packaged and Bondable Chips
Features
●
Low-Noise Performance
●
High Cut-off Frequency
●
Passivated to Enhance Reliability
●
Packaged Diodes and Bondable Chips
Applications
●
Single and Balanced Mixers and Detectors
●
Transceivers X, K and Ka Bands
●
30 and 60 GHz Radios
●
Automotive Radar Detectors
Incident Power
100 mW @ 25°C
Derate Linearly to 0 at 175°C
Forward Current
15 mA @ 25°C
Reverse Voltage
5 V
Operating Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
Maximum Ratings
Description
Microsemi’s MS8000 series of GaAs Schottky barrier
diodes are available in packaged form and bondable
chip configurations. These Schottky devices have low
series resistance and low junction capacitance. The
resulting low noise figure makes these diodes suitable
for sensitive mixer and detector applications from
below X band to beyond Ka band frequencies.
Ordering Information
P00 is the designation for the bondable chip Schottky (e.g.
MS8001-P00). Packaged diodes are designated by the
package outline number (e.g. MS8001-30)
IMPORTANT:
For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
1 The MS8000 Series of products are
supplied with a RoHS complaint Gold finish
.


Similar Part No. - MS8001

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
MS800UWB MOBILEMARK-MS800UWB Datasheet
153Kb / 1P
MARINE ANTENNA
More results

Similar Description - MS8001

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DMK2783-000 ALPHA-DMK2783-000 Datasheet
85Kb / 4P
GaAs Flip Chip Schottky Diodes
logo
Agilent(Hewlett-Packard...
HSCH-9101 HP-HSCH-9101 Datasheet
66Kb / 4P
GaAs Beam Lead Schottky Barrier Diodes
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
GaAs Beam Lead Schottky Barrier Diodes
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
GaAs Flip Chip Schottky Barrier Diodes
logo
KODENSHI_AUK CORP.
KBM-N56-1 KODENSHI-KBM-N56-1 Datasheet
43Kb / 1P
GaAs Flip Chip Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
GaAs Beam Lead Schottky Diodes
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
GaAs Flip Chip Schottky Barrier Diodes
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
GaAs Beam Lead Schottky Diodes
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
GaAs Flip Chip Schottky Barrier Diodes
MGS8XX MA-COM-MGS8XX Datasheet
710Kb / 4P
GaAs Schottky Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com