Electronic Components Datasheet Search
  English  ▼

X  

UPS5817E3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPS5817E3
Description  POWERMITE 1??SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS5817E3 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPS5817E3 Datasheet HTML 1Page - Microsemi Corporation UPS5817E3 Datasheet HTML 2Page - Microsemi Corporation UPS5817E3 Datasheet HTML 3Page - Microsemi Corporation UPS5817E3 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWERMITE 1™ SURFACE MOUNT
1 AMP 20 and 40 V SCHOTTKY RECTIFIERS
S C O T TS DALE DIVISION
UPS5817e3 and UPS5819e3
DESCRIPTION
APPEARANCE
The UPS5817e3 and UPS5819e3 offer a small and powerful surface mount
package that is RoHS compliant for a 1 Amp rated Schottky. These ratings
are found only in much larger packages. They are ideal for surface mount
applications that operate at high frequencies with their “hot carrier” features
that provide extremely fast switching. The very low thermal resistance of the
patented Powermite 1™ package design with a full metallic bottom and
unique locking tab act as an efficient heat path to a heat sink mounting permitting
cooler operating junction temperatures for minimal reverse leakage currents
and lower power loss. It is also ideal for automatic insertion equipment.
DO-216
Powermite 1™
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Low profile DO-216 package (<1.1 mm)
•
RoHS compliant with e3 suffix part number
•
Small footprint area of 8.45 mm
2
•
Plastic package has Underwriters Laboratory
Flammability classification 94V-0
•
Unique locking tab on bottom acts as integral efficient
heat path to heat sink (mounting substrate)
•
Metal to silicon rectifier, majority carrier conduction
•
High current capability with low forward voltage
•
Guard-ring-die construction for transient protection
•
Silicon Schottky (hot carrier) rectifier for minimal trr
and minimal reverse recovery voltage
•
Elimination of reverse-recovery oscillations to
reduce need for EMI filtering
•
For use in high-frequency switching power supplies,
inverters, free wheeling, charge pump circuits and
polarity protection applications
•
Lower forward power loss and high efficiency
•
Low inductive parasitics (<2nH) for minimal Ldi/dt
effects
•
Robust package configuration for pick-and-place
handling
•
Full-metallic bottom eliminates flux entrapment
•
Small foot print with 0.100 x 0.160 inches (see
mounting pad details on last page)
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Storage temperature (TSTG): -55
oC to +150oC
•
Operating junction temperature (TJ ): -55
oC to +150oC
•
Average forward rectified current (IO) @TC=100
oC: 1.0
Amp
•
Forward surge current (IFSM) 8.3 ms single half-sine
waveform superimposed on rated load (JEDEC
Method): 50 Amps
•
Thermal resistance junction to case (bottom): 10
oC/W
•
Thermal resistance (RθJA): 240
oC/W on PCB with FR4
using 1 oz Copper and recommended mounting pad
size (see pad layout next page)
•
Solder temperatures: 260
ºC for 10 s (maximum)
•
Terminals: Copper with annealed matte-Tin plating
for RoHS compliance solderable per MIL-STD-750
method 2026 (consult factory for Tin-Lead plating
.)
•
Polarity: Backside is cathode
•
Marking: UPS5817e3 marked with S17•
and UPS5819e3 marked with S19•
•
Molded epoxy package meets UL94V-0
•
Weight: 0.016 grams (approximate)
•
Tape & Reel option: 12 mm tape per EIA-481-B
3000 units on 7 inch reel and 12,000 on 13” reel
(add TR7 or TR13 respectively to part number)
•
See package dimensions on last page
Microsemi
Scottsdale Division
Page 1
Copyright
© 2007
10-15-2007 REV D
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - UPS5817E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS5817 MCC-UPS5817 Datasheet
101Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS5817 MICROSEMI-UPS5817 Datasheet
554Kb / 3P
SURFACE MOUNT 1A SCHOTTKY RECTIFIERS
More results

Similar Description - UPS5817E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS5817 MCC-UPS5817 Datasheet
101Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Solid States Devices, I...
SPD5817SM SSDI-SPD5817SM Datasheet
152Kb / 2P
1 AMP 20 - 40 VOLTS SCHOTTKY RECTIFIER
SPD5817 SSDI-SPD5817 Datasheet
177Kb / 2P
1 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
MSCD104 SECOS-MSCD104 Datasheet
283Kb / 2P
1 AMP Surface Mount Schottky B arrier Rectifiers
logo
Microsemi Corporation
UPS840E3 MICROSEMI-UPS840E3 Datasheet
119Kb / 3P
POWERMITE 3??SURFACE MOUNT 8 AMP 40 V SCHOTTKY RECTIFIER
logo
Central Semiconductor C...
CMSH1-20ML CENTRAL-CMSH1-20ML_10 Datasheet
348Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 1 AMP, 20 AND 40 VOLTS
logo
Shenzhen Luguang Electr...
MB12S LUGUANG-MB12S Datasheet
524Kb / 2P
1 Amp Surface mount Schottky Bridge Rectifier 20 to 100 V
logo
SeCoS Halbleitertechnol...
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com